Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 64 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 64 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 60Page - Semtech Corporation GS1661 Datasheet HTML 61Page - Semtech Corporation GS1661 Datasheet HTML 62Page - Semtech Corporation GS1661 Datasheet HTML 63Page - Semtech Corporation GS1661 Datasheet HTML 64Page - Semtech Corporation GS1661 Datasheet HTML 65Page - Semtech Corporation GS1661 Datasheet HTML 66Page - Semtech Corporation GS1661 Datasheet HTML 67Page - Semtech Corporation GS1661 Datasheet HTML 68Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
64 of 84
4.18.1 Command Word Description
The Command Word consists of a 16-bit word transmitted MSB first and contains a
read/write bit, an Auto-Increment bit and a 12-bit address.
Figure 4-27: Command Word Format
Command Words are clocked into the GS1661 on the rising edge of the Serial Clock
SCLK, which operates in a burst fashion. The chip select (CS) signal must be set low a
minimum of 1.5ns (t0 in Figure 4-29) before the first clock edge to ensure proper
operation.
When the Auto-Increment bit is set LOW, each Command Word must be followed by
only one Data Word to ensure proper operation.
If the Auto-Increment bit is set HIGH, the following Data Word is written into the
address specified in the Command Word, and subsequent Data Words are written into
incremental addresses from the first Data Word. This facilitates multiple address writes
without sending a Command Word for each Data Word.
NOTE: The RSV bits in the GSPI command word can be set to zero as placeholder,
though these bits are not used.
4.18.2 Data Read or Write Access
During a read sequence (Command Word R/W bit set HIGH) serial data is transmitted or
received MSB first, synchronous with the rising edge of the serial clock SCLK. The Chip
Select (CS) signal must be set low a minimum of 1.5ns (t0 in Figure 4-29) before the first
clock edge to ensure proper operation. The first bit (MSB) of the Serial Output (SDOUT)
is available (t5 in Figure 4-30) following the last falling SCLK edge of the read Command
Word, the remaining bits are clocked out on the negative edges of SCLK.
NOTE: When several devices are connected to the GSPI chain, only one CS may be
asserted during a read sequence.
During a write sequence (Command Word R/W bit set LOW), a wait state of 37.1ns (t4 in
Figure 4-29) is required between the Command Word and the following Data Word. This
wait state must also be maintained between successive Command Word/Data Word
write sequences. When Auto Increment mode is selected (AutoInc = 1), the wait state
must be maintained between successive Data Words after the initial Command
Word/Data Word sequence.
During the write sequence, all Command and following Data Words input at the SDIN
pin are output at the SDOUT pin unchanged. When several devices are connected to the
GSPI chain, data can be written simultaneously to all the devices which have CS set
LOW.
Figure 4-28: Data Word Format
R/W
RSV
RSV
AutoInc
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A11
A10
MSB
LSB
D15
D14
D13
D12
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D11
D10
MSB
LSB


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com