Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 63 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 63 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 59Page - Semtech Corporation GS1661 Datasheet HTML 60Page - Semtech Corporation GS1661 Datasheet HTML 61Page - Semtech Corporation GS1661 Datasheet HTML 62Page - Semtech Corporation GS1661 Datasheet HTML 63Page - Semtech Corporation GS1661 Datasheet HTML 64Page - Semtech Corporation GS1661 Datasheet HTML 65Page - Semtech Corporation GS1661 Datasheet HTML 66Page - Semtech Corporation GS1661 Datasheet HTML 67Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
63 of 84
NOTE 2: After the ancillary data determined by the ANC_TYPE_X_APX registers has
been deleted, other existing ancillary data may not be contiguous. The device does not
concatenate the remaining ancillary data.
NOTE 3: Reading extracted ancillary data from the host interface must be performed
while there is a valid video signal present at the serial input and the device is locked
(LOCKED signal is HIGH).
4.18 GSPI - HOST Interface
The GSPI, or Gennum Serial Peripheral Interface, is a 4-wire interface provided to allow
the system to access additional status and control information through configuration
registers in the GS1661.
The GSPI is comprised of a Serial Data Input signal (SDIN), Serial Data Output signal
(SDOUT), an active low Chip Select (CS), and a Burst Clock (SCLK).
Because these pins are shared with the JTAG interface port, an additional control signal
pin JTAG/HOST is provided.
When JTAG/HOST is LOW, the GSPI interface is enabled. When JTAG/HOST is HIGH, the
JTAG interface is enabled.
When operating in GSPI mode, the SCLK, SDIN, and CS signals must be provided by the
system. The SDOUT pin is a non-clocked loop-through of SDIN and may be connected to
the SDIN of another device, allowing multiple devices to be connected to the GSPI chain.
See Section 4.18.2 for details. The interface is illustrated in the Figure 4-26 below.
Figure 4-26: GSPI Application Interface Connection
All read or write access to the GS1661 is initiated and terminated by the system host
processor. Each access always begins with a Command/Address Word, followed by a
data write to, or data read from, the GS1661.
Application Host
SCLK
SCLK
SCLK
CS1
SDOUT
SDIN
SDOUT
SDOUT
CS
SDIN
SDIN
CS2
GS1661
GS1661
CS


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com