Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 59 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 59 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 55Page - Semtech Corporation GS1661 Datasheet HTML 56Page - Semtech Corporation GS1661 Datasheet HTML 57Page - Semtech Corporation GS1661 Datasheet HTML 58Page - Semtech Corporation GS1661 Datasheet HTML 59Page - Semtech Corporation GS1661 Datasheet HTML 60Page - Semtech Corporation GS1661 Datasheet HTML 61Page - Semtech Corporation GS1661 Datasheet HTML 62Page - Semtech Corporation GS1661 Datasheet HTML 63Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
59 of 84
EDH FF and AP CRC's are only inserted when the device is operating in SD mode, and if
the EDH data packet is detected in the received video data.
Although the GS1661 modifies and inserts EDH CRC's and EDH packet checksums, EDH
error flags are only updated when the EDH_FLAG_UPDATE_MASK bit is LOW.
This feature is enabled in SD mode, when the IOPROC_EN/DIS pin is HIGH and the
EDH_CRC_INS_MASK bit in the IOPROC_1 register is set LOW.
4.17.6 Illegal Word Re-mapping
All words within the active picture (outside the horizontal and vertical blanking
periods), between the values of 3FCh and 3FFh are re-mapped to 3FBh. All words within
the active picture area between the values of 000h and 003h are remapped to 004h.
This feature is enabled when the IOPROC_EN/DIS pin is HIGH and the
ILLEGAL_WORD_REMAP_DSX_MASK bit in the IOPROC_X register is set LOW.
4.17.7 TRS and Ancillary Data Preamble Remapping
8-bit TRS and ancillary data preambles are re-mapped to 10-bit values. 8-bit to 10-bit
mapping of TRS headers is only supported if the TRS values are 3FC 000 000. Other
values such as 3FD, 3FE, 3FF, 001, 002 and 003 are not supported. This feature is enabled
by default, and cannot be disabled via the IOPROC_X register.
4.17.8 Ancillary Data Extraction
Ancillary data may be extracted externally from the GS1661 output stream using the
Y/1ANC and C/2ANC signals, and external logic.
As an alternative, the GS1661 includes a FIFO, which extracts ancillary data using read
access via the host interface to ease system implementation. The FIFO stores up to 2048
x 16 bit words of ancillary data in two separate 1024 word memory banks.
The device writes the contents of ANC packets into the FIFO, starting with the first
Ancillary Data Flag (ADF), followed by up to 1024 words.
All Data Identification (DID), Secondary Data Identification (SDID), Data Count (DC),
user data, and checksum words are written into the device memory.
The device detects ancillary data packet DID's placed anywhere in the video data
stream, including the active picture area.
Ancillary data from the Y channel or Data Stream One is placed in the Least Significant
Word (LSW) of the FIFO, allocated to the lower 8 bits of each FIFO address.
Ancillary data from the C channel or Data Stream Two is placed in the Most Significant
Word (MSW) (upper 8 bits) of each FIFO address.
NOTE: Please refer to the ANC insertion and Extraction Application Note (Doc ID:
53410), for discrete steps and example of Ancillary data extraction.
In SD mode, ancillary data is placed in the LSW of the FIFO. The MSW is set to zero.
If the ANC_TYPE registers are all set to zero, the device extracts all types of ancillary
data. If programmable ancillary data extraction is required, then up to five types of


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com