Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 52 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 52 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 48Page - Semtech Corporation GS1661 Datasheet HTML 49Page - Semtech Corporation GS1661 Datasheet HTML 50Page - Semtech Corporation GS1661 Datasheet HTML 51Page - Semtech Corporation GS1661 Datasheet HTML 52Page - Semtech Corporation GS1661 Datasheet HTML 53Page - Semtech Corporation GS1661 Datasheet HTML 54Page - Semtech Corporation GS1661 Datasheet HTML 55Page - Semtech Corporation GS1661 Datasheet HTML 56Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
52 of 84
4.15.1 TRS Error Detection
TRS error flags are generated by the GS1661 under the following two conditions:
1. A phase shift in received TRS timing is observed on a non-switching line.
2. The received TRS Hamming codes are incorrect.
Both SAV and EAV TRS words are checked for timing and data integrity errors.
For HD mode, only the Y channel TRS codes are checked for errors.
Both 8-bit and 10-bit TRS code words are checked for errors.
The SAV_ERR bit of the ERROR_STAT_X register is set HIGH when an SAV TRS error is
detected.
The EAV_ERR bit of the ERROR_STAT_X register is set HIGH when an EAV TRS error is
detected.
4.15.2 Line Based CRC Error Detection
The GS1661 calculates line based CRCs for HD video signals. CRC calculations are done
for each 10-bit channel (Y and C for HD video).
These calculated CRC values are compared with the received CRC values.
If a mismatch in the calculated and received CRC values is detected for Y channel data,
the YCRC_ERR bit in the ERROR_STAT_X register is set HIGH.
If a mismatch in the calculated and received CRC values is detected for C channel data,
the CCRC_ERR bit in the ERROR_STAT_X register is set HIGH.
Y or C CRC errors are also generated if CRC values are not embedded.
Line based CRC errors are only generated when the device is operating in HD mode.
Table 4-13: Error Status Register and Error Mask Register
Video Error Status Register
Video Error Mask Register
SAV_ERR (02h, 03h)
SAV_ERR_MASK (037h, 038h)
EAV_ERR (02h, 03h)
EAV_ERR_MASK (037h, 038h)
YCRC_ERR (02h, 03h)
YCRC_ERR_MASK (037h, 038h)
CCRC_ERR (02h, 03h)
CCRC_ERR_MASK (037h, 038h)
LNUM_ERR (02h, 03h)
LNUM_ERR_MASK (037h, 038h)
YCS_ERR (02h, 03h)
YCS_ERR_MASK (037h, 038h)
CCS_ERR (02h, 03h)
CCS_ERR_MASK (037h, 038h)
AP_CRC_ERR (02h)
AP_CRC_ERR_MASK (037h)
FF_CRC_ERR (02h)
FF_CRC_ERR_MASK (037h)
VD_STD_ERR (02h, 03h)
VD_STD_ERR_MASK (037h)


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com