Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 40 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 36Page - Semtech Corporation GS1661 Datasheet HTML 37Page - Semtech Corporation GS1661 Datasheet HTML 38Page - Semtech Corporation GS1661 Datasheet HTML 39Page - Semtech Corporation GS1661 Datasheet HTML 40Page - Semtech Corporation GS1661 Datasheet HTML 41Page - Semtech Corporation GS1661 Datasheet HTML 42Page - Semtech Corporation GS1661 Datasheet HTML 43Page - Semtech Corporation GS1661 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
40 of 84
Figure 4-8: H:V:F Output Timing - HD 20-bit Output Mode
Figure 4-9: H:V:F Output Timing - HD 10-bit Output Mode
Figure 4-10: H:V:F Output Timing - SD 20-bit Output Mode
Figure 4-11: H:V:F Output Timing - SD 10-bit Output Mode
4.11.1 CEA-861 Timing Generation
The GS1661 is capable of generating CEA 861 timing instead of SMPTE HVF timing for
all of the supported video formats.
This mode is selected when the TIM_861 pin is HIGH.
Horizontal sync (HSYNC), Vertical sync (VSYNC), and Data Enable (DE) timing are
output on the STAT[2:0] pins by default.
Table 4-9 shows the CEA-861 formats supported by the GS1661:
P C LK
L U M A D A T A IN P U T
C HR OM A DA T A IN P U T
H
X Y Z (EAV)
000
00 0
3F F
000
00 0
3F F
V
F
000
00 0
3FF
000
00 0
3FF
X Y Z (EAV)
X Y Z (SAV)
X Y Z (SAV)
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H
HV F T IM IN G AT S AV
000
00 0
3FF
3F F
00 0
000
P C LK
M U L T IP L E XED Y'Cb C r D A T A IN P U T
H
V
F
HV F T IM IN G AT EAV
P C LK
00 0
000
3FF
3F F
X Y Z (EAV)
000
00 0
M U L T IP L E XED Y'Cb C r D A T A IN P U T
H
V
F
X Y Z (EAV)
XY Z (SAV) X Y Z (SAV)
P C LK
C H R O M A D A T A IN PU T
LU M A D A T A IN P U T
H
000
3F F
X Y Z (EAV)
000
V
F
000
3FF
00 0
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H
X Y Z (SAV)
M U L T IP L E XE D Y'Cb C r D A T A INPUT
P C LK
H
V
F
X Y Z (EAV)
00 0
00 0
3F F
00 0
00 0
3F F
X Y Z (SAV)
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com