Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661 Datasheet(PDF) 38 Page - Semtech Corporation

Part # GS1661
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661 Datasheet(HTML) 38 Page - Semtech Corporation

Back Button GS1661 Datasheet HTML 34Page - Semtech Corporation GS1661 Datasheet HTML 35Page - Semtech Corporation GS1661 Datasheet HTML 36Page - Semtech Corporation GS1661 Datasheet HTML 37Page - Semtech Corporation GS1661 Datasheet HTML 38Page - Semtech Corporation GS1661 Datasheet HTML 39Page - Semtech Corporation GS1661 Datasheet HTML 40Page - Semtech Corporation GS1661 Datasheet HTML 41Page - Semtech Corporation GS1661 Datasheet HTML 42Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 84 page
background image
GS1661 HD/SD SDI Receiver
Data Sheet
53751 - 3
September 2012
38 of 84
4.10 Programmable Multi-function Outputs
The GS1661 has six multi-function output pins, STAT [5:0], which are programmable via
the host interface to output one of the following signals:
525
59.94/P
720x483
4:2:2
293M
349M
292
10
293M
347M
344M
293M
293M
294M
4:2:0
293M
349M
292
293M
293M
294M
59.94/I
960x483
4:2:2
267M
349M
292
10/273
267M
267M
259M
720x483
4:4:4
267M
349M
292
267M
347M
344M
267M
RP174
344M
267M
RP175
RP175
4:2:2
125M
349M
292
125M
125M
259M
HD-SDTI
P or PsF
structure
1920x1080
4:2:2
274M
274M + 348M
292
7
I structure
274M
7/569
P structure
1280x720
296M296M + 348M
7
SDTI
50/I
720x576
4:2:2
BT.656
BT.656 +
305M
259M
6/319
59.94/I
720x483
125M
125M + 305M
10/273
Table 4-7: Switch Line Position for Digital Systems (Continued)
System
Frame Rate
& Structure
Pixel Structure
Signal
Standard
Parallel
Interface
Serial
Interface
Line No.
Table 4-8: Output Signals Available on Programmable Multi-Function Pins
Status Signal
Selection Code
Default Output Pin
H/HSYNC (according to TIM_861 Pin) Section 4.11
0000
STAT 0
V/VSYNC (according to TIM_861 Pin) Section 4.11
0001
STAT 1
F/DE (according to TIM_861 Pin) Section 4.11
0010
STAT 2
LOCKED Section 4.6
0011
STAT 3
Y/1ANC Section 4.16
0100
STAT 4
C/2ANC Section 4.16
0101
DATA ERROR Section 4.15
0110
STAT 5


Similar Part No. - GS1661

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
More results

Similar Description - GS1661

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661A SEMTECH-GS1661A Datasheet
6Mb / 85P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com