Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA0060002D Datasheet(PDF) 7 Page - Cree, Inc

Part # CMPA0060002D
Description  2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA0060002D Datasheet(HTML) 7 Page - Cree, Inc

  CMPA0060002D Datasheet HTML 1Page - Cree, Inc CMPA0060002D Datasheet HTML 2Page - Cree, Inc CMPA0060002D Datasheet HTML 3Page - Cree, Inc CMPA0060002D Datasheet HTML 4Page - Cree, Inc CMPA0060002D Datasheet HTML 5Page - Cree, Inc CMPA0060002D Datasheet HTML 6Page - Cree, Inc CMPA0060002D Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
CMPA0060002D Rev 1.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
www.cree.com/wireless
Copyright © 2009-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their
respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
Disclaimer
Specifications are subject to change without notice. Cree, Inc. believes the information contained within this data sheet
to be accurate and reliable. However, no responsibility is assumed by Cree for its use or for any infringement of patents
or other rights of third parties which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Cree. Cree makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. “Typical” parameters are the average values expected by Cree in large quantities
and are provided for information purposes only. These values can and do vary in different applications, and actual
performance can vary over time. All operating parameters should be validated by customer’s technical experts for each
application. Cree products are not designed, intended, or authorized for use as components in applications intended for
surgical implant into the body or to support or sustain life, in applications in which the failure of the Cree product could
result in personal injury or death, or in applications for the planning, construction, maintenance or direct operation of a
nuclear facility. CREE and the CREE logo are registered trademarks of Cree, Inc.
For more information, please contact:
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.cree.com/wireless
Sarah Miller
Marketing & Export
Cree, RF Components
1.919.407.5302
Ryan Baker
Marketing
Cree, RF Components
1.919.407.7816
Tom Dekker
Sales Director
Cree, RF Components
1.919.407.5639


Similar Part No. - CMPA0060002D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060002D WOLFSPEED-CMPA0060002D Datasheet
1,012Kb / 8P
2 W, 0.2 - 6.0 GHz, GaN HEMT MMIC Power Amplifier
Rev. 2.3, 2022-12-13
More results

Similar Description - CMPA0060002D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
Advanced Semiconductor ...
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
logo
Stealth Microwave, Inc.
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN_1 Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com