Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA0060002D Datasheet(PDF) 5 Page - Cree, Inc

Part # CMPA0060002D
Description  2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA0060002D Datasheet(HTML) 5 Page - Cree, Inc

  CMPA0060002D Datasheet HTML 1Page - Cree, Inc CMPA0060002D Datasheet HTML 2Page - Cree, Inc CMPA0060002D Datasheet HTML 3Page - Cree, Inc CMPA0060002D Datasheet HTML 4Page - Cree, Inc CMPA0060002D Datasheet HTML 5Page - Cree, Inc CMPA0060002D Datasheet HTML 6Page - Cree, Inc CMPA0060002D Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
CMPA0060002D Rev 1.1
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
www.cree.com/wireless
Copyright © 2009-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree
and the Cree logo are registered trademarks of Cree, Inc. Other trademarks, product and company names are the property of their
respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association.
External Termination Reference Design
The following is a plot of the gain of the die only.
Notes:
1
An off chip termination is needed to reduce the high gain peak at low frequencies.
2
The off chip termination should be designed to minimize the impact on the MMIC’s performance at higher
frequencies.
LRC Reference Circuit
The Drain and Gate circuit use the same L and C components but different values for the resistor.
Figure 2.
The Drain resistor needs to be dimensioned to handle 3 W of RF dissipation for the lowest frequencies while the Gate
resistor needs to handle 0.5 W. The suppliers of the SMT components are:
L1 = 47 nH, CoilCraft PN: 0402CS –47NXJB
C1 = 470 pf Murata PN: GRM1885C2A471A01D
Die only
10
12
14
16
18
20
22
24
26
28
30
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Frequency (GHz)
S21 (Die Only)


Similar Part No. - CMPA0060002D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060002D WOLFSPEED-CMPA0060002D Datasheet
1,012Kb / 8P
2 W, 0.2 - 6.0 GHz, GaN HEMT MMIC Power Amplifier
Rev. 2.3, 2022-12-13
More results

Similar Description - CMPA0060002D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
Advanced Semiconductor ...
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
logo
Stealth Microwave, Inc.
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN_1 Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com