Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMPA0060002D Datasheet(PDF) 1 Page - Cree, Inc

Part # CMPA0060002D
Description  2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMPA0060002D Datasheet(HTML) 1 Page - Cree, Inc

  CMPA0060002D Datasheet HTML 1Page - Cree, Inc CMPA0060002D Datasheet HTML 2Page - Cree, Inc CMPA0060002D Datasheet HTML 3Page - Cree, Inc CMPA0060002D Datasheet HTML 4Page - Cree, Inc CMPA0060002D Datasheet HTML 5Page - Cree, Inc CMPA0060002D Datasheet HTML 6Page - Cree, Inc CMPA0060002D Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Subject to change without notice.
www.cree.com/wireless
CMPA0060002D
2 Watt, 20 MHz - 6000 MHz GaN HEMT MMIC Power Amplifier
Cree’s CMPA0060002D is a gallium nitride (GaN) High Electron
Mobility Transistor (HEMT) based monolithic microwave integrated
circuit (MMIC). GaN has superior properties compared to silicon
or gallium arsenide, including higher breakdown voltage,
higher saturated electron drift velocity and higher thermal
conductivity. GaN HEMTs also offer greater power density and
wider bandwidths compared to Si and GaAs transistors. This
MMIC employs a distributed (traveling-wave) amplifier design
approach, enabling extremely wide bandwidths to be achieved
in a small footprint.
PN: CMPA0060002D
Typical Performance Over 0.5-6.0 GHz (T
C = 25˚C)
Parameter
0.5 GHz
1.0 GHz
2.5 GHz
4.0 GHz
6.0 GHz
Units
Gain
18.7
17.4
17.6
17.4
17.6
dB
Saturated Output Power @ P
IN 23 dBm
7.0
6.3
5.7
4.3
3.6
W
Power Gain @ P
IN 23 dBm
15.4
15.0
14.5
13.3
12.5
dB
PAE @ P
IN 23 dBm
43
40
36
28
31
%
Note: V
DD = 28 V, ID = 100 mA
Features
17 dB Small Signal Gain
2 W Typical P
SAT
Operation up to 28 V
High Breakdown Voltage
High Temperature Operation
Size 0.169 x 0.066 x 0.004 inches
Applications
Ultra Broadband Amplifiers
Fiber Drivers
Test Instrumentation
EMC Amplifier Drivers


Similar Part No. - CMPA0060002D

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CMPA0060002D WOLFSPEED-CMPA0060002D Datasheet
1,012Kb / 8P
2 W, 0.2 - 6.0 GHz, GaN HEMT MMIC Power Amplifier
Rev. 2.3, 2022-12-13
More results

Similar Description - CMPA0060002D

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA0060002F CREE-CMPA0060002F Datasheet
961Kb / 9P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA0060002F WOLFSPEED-CMPA0060002F Datasheet
2Mb / 10P
2 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 3.3, 2022-12-8
CMPA0060025F WOLFSPEED-CMPA0060025F Datasheet
4Mb / 12P
25 W, 20 MHz - 6000 MHz, GaN MMIC Power Amplifier
Rev. 4.3, 2022-12-13
logo
Cree, Inc
CMPA0060025F CREE-CMPA0060025F Datasheet
1Mb / 11P
25 W, 20 MHz-6000 MHz, GaN MMIC Power Amplifier
logo
WOLFSPEED, INC.
CMPA2560025F WOLFSPEED-CMPA2560025F Datasheet
999Kb / 12P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
Rev 3.1 April 2020
logo
Cree, Inc
CMPA2560025F CREE-CMPA2560025F_15 Datasheet
955Kb / 11P
25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
CMPA2560025F CREE-CMPA2560025F Datasheet
630Kb / 10P
CMPA2560025F 25 W, 2500 - 6000 MHz, GaN MMIC Power Amplifier
logo
Advanced Semiconductor ...
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
logo
Stealth Microwave, Inc.
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN_1 Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
SM2560-47GN STEALTH_MICROWAVE-SM2560-47GN Datasheet
118Kb / 2P
2500 - 6000 MHz 50 Watt Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com