Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBTA42M Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SMBTA42M
Description  NPN Silicon High-Voltage Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SMBTA42M Datasheet(HTML) 4 Page - Infineon Technologies AG

  SMBTA42M Datasheet HTML 1Page - Infineon Technologies AG SMBTA42M Datasheet HTML 2Page - Infineon Technologies AG SMBTA42M Datasheet HTML 3Page - Infineon Technologies AG SMBTA42M Datasheet HTML 4Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMBTA42M
Nov-30-2001
4
Collector cutoff current ICBO = f (TA)
VCB = 160V
EHP00842
SMBTA 42/43
10
0
C
A
150
nA
CBO
10
4
1
10
-1
5
50
100
5
10
2
10
0
5
Ι
T
max
typ
5
10
3
Collector current IC = f (VBE)
VCE = 10 V
EHP00843
SMBTA 42/43
10
0
V
BE
1.5
mA
C
10
3
1
10
-1
5
0.5
1.0
10
0
5
Ι
V
5
10
2


Similar Part No. - SMBTA42M

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBTA42M SIEMENS-SMBTA42M Datasheet
27Kb / 4P
   NPN Silicon High-Voltage Transistor
More results

Similar Description - SMBTA42M

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMBTA42 FCI-FMBTA42 Datasheet
73Kb / 3P
   NPN SILICON TRANSISTOR HIGH VOLTAGE TRANSISTOR
logo
Zowie Technology Corpor...
MMBT5550 ZOWIE-MMBT5550 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42 Datasheet
111Kb / 2P
   NPN Silicon High Voltage Transistor
logo
Continental Device Indi...
CIL2229 CDIL-CIL2229 Datasheet
200Kb / 3P
   NPN SILICON HIGH VOLTAGE TRANSISTOR
logo
ON Semiconductor
MMBTA42LT1 ONSEMI-MMBTA42LT1_07 Datasheet
60Kb / 8P
   High Voltage Transistor NPN Silicon
June, 2001 ??Rev. 3
MMBT6517LT1 ONSEMI-MMBT6517LT1 Datasheet
99Kb / 8P
   High Voltage Transistor(NPN Silicon)
November, 2001 ??Rev. 2
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_11 Datasheet
215Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Zowie Technology Corpor...
MMBT5551 ZOWIE-MMBT5551 Datasheet
84Kb / 4P
   HIGH VOLTAGE TRANSISTOR NPN SILICON
logo
Micro Commercial Compon...
MMBTA42 MCC-MMBTA42_14 Datasheet
246Kb / 3P
   NPN Silicon High Voltage Transistor
logo
Infineon Technologies A...
PZTA42 INFINEON-PZTA42 Datasheet
41Kb / 4P
   NPN Silicon High Voltage Transistor
Jun-29-2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com