Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT3157W-832-PCT Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # GOT3157W-832-PCT
Description  Supports WLAN module & antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT3157W-832-PCT Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  GOT3157W-832-PCT_16 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT3157W-832-PCT_16 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
543
* All specifications and photos are subject to change without notice.
Features
GOT3157W-832-PCT
15.6" WXGA TFT Fanless Multi-Touch Panel
Computer with Intel® Atom™ Processor
D2550 (-10°C ~ +50°C)
15.6” WXGA wide screen with modulized design
Multi-Touch 15.6” projected capacitive
Fanless design with Intel® Atom™ processor D2550 1.86 GHz
Supports 2.5” SATA HDD & CompactFlash™ type II
Supports WLAN module & antenna (optional)
Supports 2 Gigabit LAN, 4 USB 2.0 & 2 COM ports
IP65 front bezel
Supports panel mount and optional VESA arm/desktop stand/
wall mount
Supports wide temperature range of -10°C ~ +50°C
Introduction
Specifications
The GOT3157W-832-PCT adopts a 15.6-inch WXGA LCD and supports Intel® Atom™,
processor D2550 1.86 GHz Bay Trail SoC. By supporting a wide range operating
temperature from -10°C to +50°C, it can be used in harsh environment. The 15.6” fanless
human machine interface also provides one PCIe mini card slot for wireless network
connectivity. The rugged fanless touch panel computer is suitable for transportation,
heavy-duty industry, smart factory automation, and oil pipe monitoring systems.
Wide Temperature Range Support (-10°C to +50°C)
The Intel® AtomTM-based touch panel PC, GOT3157W-832-PCT, applies unique
extended temperature technology with wide temperature range support as we as fanless
operation. It also has a compact design for harsh environment.
WALN Antenna Support (optional)
The 15.6” WXGA IP65 industrial panel PC, GOT3157W-832-PCT, provides one PCIe mini
card slot and WLAN antennas for wireless network connectivity.
Front Bezel
IP65 front bezel
LCD Panel
Display Type
15.6" WXGA TFF LCD
Brightness (cd/m
2)
400 nits
Resolution
1366 x 768
Main System
CPU
Intel® Atom™ processor D2550
2C @1.86 GHz
Chipset
Intel® NM10
System Memory
1 x 204-pin DDR3-800/1066
SO-DIMM max. up to 4 GB
BIOS
AMI UEFI BIOS
Storage
1 x 2.5" SATA HDD
1 x CompactFlash™
Watchdog Timer
255 levels, 0~255 sec.
Onboard
Graphics
Integrated Intel® GFX
1. Power switch
2. Terminal block for DC porwer input
3. USB 2.0 x 2
4. COM 1 (RS-232)
5. COM 2 (RS-232/422/485)
6. Ethernet x 2
7. USB 2.0 x 2
8. Audio(Line-out)
9. CF slot
10. Backlight switch
11. Brightness adjustment
1
2
3
4
5
6
7 8
9
10
11
Rear view
Modulized design
Fanless
DDR3
DDR3
DDR3
Ext. Temp
IP65
Low Power
AiRD


Similar Part No. - GOT3157W-832-PCT_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT Datasheet
481Kb / 2P
   IP65 front bezel
More results

Similar Description - GOT3157W-832-PCT_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT Datasheet
1Mb / 2P
   Supports WLAN module & antenna (optional)
GOT5100T-832 AXIOMTEK-GOT5100T-832_16 Datasheet
491Kb / 2P
   Supports WLAN module & internal antenna
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
   Supports WLAN module & internal antenna
GOT-3846T-832 AXIOMTEK-GOT-3846T-832 Datasheet
311Kb / 2P
   Supports WLAN module & external antenna
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
   Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT-3570T AXIOMTEK-GOT-3570T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT3846T-832 AXIOMTEK-GOT3846T-832 Datasheet
406Kb / 2P
   Supports WLAN module and external antenna
logo
Pulse A Technitrol Comp...
W3078 PULSE-W3078 Datasheet
1Mb / 13P
   Dualband WLAN Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com