Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAE800 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SAE800
Description  Programmable Single-/Dual-/Triple- Tone Gong
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAE800 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SAE800 Datasheet HTML 1Page - Infineon Technologies AG SAE800 Datasheet HTML 2Page - Infineon Technologies AG SAE800 Datasheet HTML 3Page - Infineon Technologies AG SAE800 Datasheet HTML 4Page - Infineon Technologies AG SAE800 Datasheet HTML 5Page - Infineon Technologies AG SAE800 Datasheet HTML 6Page - Infineon Technologies AG SAE800 Datasheet HTML 7Page - Infineon Technologies AG SAE800 Datasheet HTML 8Page - Infineon Technologies AG SAE800 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Programmable
Single-/Dual-/Triple- Tone Gong
Preliminary Data
Bipolar IC
Features
q
Supply voltage range 2.8 V to 18 V
q
Few external components (no electrolytic capacitor)
q
1 tone, 2 tones, 3 tones programmable
q
Loudness control
q
Typical standby current 1
µA
q
Constant current output stage (no oscillation)
q
High-efficiency power stage
q
Short-circuit protection
q
Thermal shutdown
Semiconductor Group
1
09.94
w New type
Functional Description
The SAE 800 is a single-tone, dual-tone or triple-tone gong IC designed for a very wide supply
voltage range. If the oscillator is set to
f
0 = 13.2 kHz for example, the IC will issue in triple-tone-
mode the minor and major third e2 – C sharp – a, corresponding to 660 Hz – 550 Hz – 440 Hz, in
dual-tone-mode the minor third e2 – C sharp, and in single-tone-mode the tone e2 (derived from
the fundamental frequency
f
0 ; f1 = f0 / 20, f2 = f0 / 24, f3 = f0 / 30).
When it is not triggered, the IC is in a standby state and only draws a few
µA. It comes in a compact
P-DIP-8-1 or P-DSO-8-1 (SMD) package and only requires a few external components.
P-DIP-8-4
P-DSO-8-1
SAE 800
Type
Ordering Code
Package
w SAE 800
Q67000-A8339
P-DIP-8-4
w SAE 800 G
Q67000-A8340
P-DSO-8-1 (SMD)


Similar Part No. - SAE800

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800 Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800G SIEMENS-SAE800G Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800G SIEMENS-SAE800G Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
More results

Similar Description - SAE800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3360 PHILIPS-PCD3360 Datasheet
117Kb / 20P
Programmable multi-tone telephone ringer
1997 Jan 15
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800 Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
Triple Tone Medoly Generator
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
Triple Tone Generator
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
Single, dual and triple outputs
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
logo
Wall Industries,Inc.
DCHF40W WALL-DCHF40W Datasheet
316Kb / 4P
Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com