Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAE800 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SAE800
Description  Programmable Single-/Dual-/Triple- Tone Gong
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAE800 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SAE800 Datasheet HTML 5Page - Infineon Technologies AG SAE800 Datasheet HTML 6Page - Infineon Technologies AG SAE800 Datasheet HTML 7Page - Infineon Technologies AG SAE800 Datasheet HTML 8Page - Infineon Technologies AG SAE800 Datasheet HTML 9Page - Infineon Technologies AG SAE800 Datasheet HTML 10Page - Infineon Technologies AG SAE800 Datasheet HTML 11Page - Infineon Technologies AG SAE800 Datasheet HTML 12Page - Infineon Technologies AG SAE800 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Semiconductor Group
9
1)
a
13 = 20 x log (M1 / (0.67 x M3))
2)
a
23 = 20 x log (M2 / (0.89 x M3))
Characteristics
T
j = – 25 to 125˚C; VS = 2.8 to 18 V
Parameter
Symbol
Limit Values
Unit
Test
Condition
min.
typ.
max.
Supply Section
Standby current
Quiescent current; pin L open
I
St
I
Qu
1
5
10
10
µA
mA
Output Section
Peak output power (tone 3)
V
S = 2.8 V; RQ = 4 Ω; RL = 8.2 kΩ
V
S = 2.8 V; RQ = 8 Ω; RL = 18 kΩ
V
S = 5.0 V; RQ = 8 Ω; RL = 10 kΩ
V
S = 5.0 V; RQ = 16 Ω; RL = 18 kΩ
V
S = 12 V; RQ = 50 Ω; RL = 33 kΩ
P
Q
P
Q
P
Q
P
Q
P
Q
250
125
450
225
450
330
165
600
300
600
mW
mW
mW
mW
mW
A
Output level differences:
tone 1 to 3
tone 2 to 3
a
13
a
23
– 1
– 1
1
1
dB
dB
A 1)
A 2)
Biasing Section
Voltage at pin
R
OSC ; RR = 10 kΩ
Voltage at pin L;
R
L = 10 kΩ
V
R
V
L
1.2
1.2
V
V
Oscillator Section
Amplitude
Frequency
R
R = 10 kΩ;
C
C = 4.7 nF
Oscill. drift vs. temperature
Oscill. drift vs. supply voltage
V
C
f
0
D
T
D
V
– 3
0.5
13.2
1
+ 3
V
kHz
10-4/K
10-3/K
Input Section
Triggering voltage at E1, E2
Triggering current at E1, E2
Noise voltage immunity at E1, E2
Triggering delay at
f
0 = 13.2 kHz
V
E1 , E2
I
E1 , E2
V
E1 , E2
t
dT
1.6
100
2
0.3
10
V
µA
V
ms
SAE 800


Similar Part No. - SAE800

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800 Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800G SIEMENS-SAE800G Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800G SIEMENS-SAE800G Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
More results

Similar Description - SAE800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3360 PHILIPS-PCD3360 Datasheet
117Kb / 20P
Programmable multi-tone telephone ringer
1997 Jan 15
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800 Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
Triple Tone Medoly Generator
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
Triple Tone Generator
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
Single, dual and triple outputs
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
logo
Wall Industries,Inc.
DCHF40W WALL-DCHF40W Datasheet
316Kb / 4P
Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com