Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAE800 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # SAE800
Description  Programmable Single-/Dual-/Triple- Tone Gong
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAE800 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button SAE800 Datasheet HTML 4Page - Infineon Technologies AG SAE800 Datasheet HTML 5Page - Infineon Technologies AG SAE800 Datasheet HTML 6Page - Infineon Technologies AG SAE800 Datasheet HTML 7Page - Infineon Technologies AG SAE800 Datasheet HTML 8Page - Infineon Technologies AG SAE800 Datasheet HTML 9Page - Infineon Technologies AG SAE800 Datasheet HTML 10Page - Infineon Technologies AG SAE800 Datasheet HTML 11Page - Infineon Technologies AG SAE800 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Semiconductor Group
8
Absolute Maximum Ratings
Parameter
Symbol
Limit Values
Unit
min.
max.
Supply voltage
V
S
– 0.3
24
V
Input voltage at E1, E2
V
E1, E2
– 5
24
V
Current at output Q
Current at input pins E1, E2
I
Q
I
E1, E2
– 50
– 2
750
3
mA
mA
Current at pin
R
OSC
Current at pin L
Current at pin
C
OSC
I
R
I
L
I
C
– 300
– 300
– 200
200
200
200
µA
µA
µA
Junction temperature
T
j
– 50
150
˚C
Storage temperature
T
stg
– 50
150
˚C
Operating Range
Supply voltage
V
S
2.8
18
V
Junction temperature
T
j
– 25
125
˚C
Oscillator frequency at
C
OSC
f
C
100
kHz
Current at pin
R
OSC
Current for test mode at pin L
Current at pin L
I
R
I
R
I
L
– 200
90
– 200
– 10
110
– 10
µA
µA
µA
Input voltage at E1, E2
V
E1, E2
– 4
18
V
Thermal resistance
junction-air (P-DIP-8-4)
junction-air (P-DSO-8-1)
R
th JA
R
th JA
100
180
K/W
K/W
SAE 800


Similar Part No. - SAE800

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800 Datasheet
981Kb / 14P
   Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800 Datasheet
993Kb / 14P
   Programmable Single-/Dual-/Triple- Tone Gong
SAE800G SIEMENS-SAE800G Datasheet
981Kb / 14P
   Programmable Single-/Dual-/Triple- Tone Gong
SAE800G SIEMENS-SAE800G Datasheet
993Kb / 14P
   Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
   Programmable Single-/Dual-/Triple- Tone Gong
More results

Similar Description - SAE800

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
   Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800 Datasheet
981Kb / 14P
   Programmable Single-/Dual-/Triple- Tone Gong
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
   THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
   Triple Tone Generator
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
   Triple Tone Medoly Generator
logo
NXP Semiconductors
PCD3360 PHILIPS-PCD3360 Datasheet
117Kb / 20P
   Programmable multi-tone telephone ringer
1997 Jan 15
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
   Single, Dual and Triple Output
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
   Single, dual and triple outputs
logo
Wall Industries,Inc.
DCHF40W WALL-DCHF40W Datasheet
316Kb / 4P
   Single, Dual, and Triple Outputs
logo
Artesyn Technologies
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
   Single, Dual and Triple Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com