Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAE800 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SAE800
Description  Programmable Single-/Dual-/Triple- Tone Gong
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAE800 Datasheet(HTML) 5 Page - Infineon Technologies AG

  SAE800 Datasheet HTML 1Page - Infineon Technologies AG SAE800 Datasheet HTML 2Page - Infineon Technologies AG SAE800 Datasheet HTML 3Page - Infineon Technologies AG SAE800 Datasheet HTML 4Page - Infineon Technologies AG SAE800 Datasheet HTML 5Page - Infineon Technologies AG SAE800 Datasheet HTML 6Page - Infineon Technologies AG SAE800 Datasheet HTML 7Page - Infineon Technologies AG SAE800 Datasheet HTML 8Page - Infineon Technologies AG SAE800 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Semiconductor Group
5
Logic
The logic unit contains the complete sequence control. The oscillator produces the power-on reset
and the clock frequency. Single-tone, dual-tone or triple-tone operation is programmed on inputs
E1 and E2. The 4-bit digital/analog converters are driven in parallel. In the event of oscillator
disturbance, and after the sequence, the dominant stop output is set. By applying current to pin L,
the sequence can be shortened by a factor of 30 for test purposes.
The following figure shows the envelope of the triple-tone sequence:
Envelope of the Triple-Tone Sequence
Envelope of maximum amplitudes of three
superimposed tones on Q (time scale for
f
OSC = 13.2 kHz)
Ratio of maximum amplitudes
M3 : M2 : M1 = 1 : 0.89 : 0.67
SAE 800


Similar Part No. - SAE800

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800 Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800G SIEMENS-SAE800G Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800G SIEMENS-SAE800G Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
More results

Similar Description - SAE800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3360 PHILIPS-PCD3360 Datasheet
117Kb / 20P
Programmable multi-tone telephone ringer
1997 Jan 15
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800 Datasheet
981Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
SAB0600 SIEMENS-SAB0600 Datasheet
286Kb / 9P
THREEE TONE CHIME SINGLE TONE CHIME DUAL TONE CHIME
logo
List of Unclassifed Man...
SD7012 ETC1-SD7012 Datasheet
1Mb / 5P
Triple Tone Medoly Generator
logo
Holtek Semiconductor In...
HT2823 HOLTEK-HT2823 Datasheet
173Kb / 5P
Triple Tone Generator
logo
Artesyn Technologies
CL25 ARTESYN-CL25 Datasheet
52Kb / 2P
Single, dual and triple outputs
logo
Siemens Semiconductor G...
SAE800 SIEMENS-SAE800_05 Datasheet
993Kb / 14P
Programmable Single-/Dual-/Triple- Tone Gong
logo
Artesyn Technologies
NLP65-7608J ARTESYN-NLP65-7608J Datasheet
614Kb / 5P
Single, Dual and Triple Output
NLP40-76T366J ARTESYN-NLP40-76T366J Datasheet
607Kb / 5P
Single, Dual and Triple Output
logo
Wall Industries,Inc.
DCHF40W WALL-DCHF40W Datasheet
316Kb / 4P
Single, Dual, and Triple Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com