Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM300 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM300
Description  Processors COM Express Type 10 Mini Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM300 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM300 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
79
* All specifications and photos are subject to change without notice.
CEM300
NEW
Features
Intel® Pentium® & Celeron® N3000 Series
Processors COM Express Type 10 Mini
Module
Intel® Pentium®/Celeron® N3000 series Quad/Dual core
processors (Braswell)
Max. up to 8 GB DDR3L on-board memory
Max. up to 4 lanes of PCI Express
2 SATA-600
2 USB 3.0 and 8 USB 2.0
I/O
Packing List
System
Quick installation guide
Display
CPU
Intel® Pentium® & Celeron® N3000 series (Braswell)
processors, N3700 1.6 GHz quad core, N3150 1.6 GHz quad
core and N3050 1.6 GHz dual core onboard
System Memory
On-board DDR3L chips up to 8 GB
Chipset
SoC integrated
BIOS
AMI uEFI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec. or min.
Expansion Interface
4 x PCIe lanes (3 lanes while internal LAN is connected)
Battery Lithium
N/A
Power Input
ATX: 4.75V~20V, +5VSB
AT: 4.75V~20V
Size
84 x 55 mm
Board Thickness
2.0 mm
Temperature
-20ºC ~ +70ºC (-4°F ~ 158°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x LPC interface
1 x SPI interface
2 x Serial TX/RX
SATA
2 x SATA-600
Hardware Monitoring
Yes
Ethernet
1 port as 10/100/1000Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® i211AT
Audio
HD link interface to baseboard for Codec
USB
2 x USB 3.0 and 8 x USB 2.0
TPM
N/A
SMBus
Yes
Digital I/O
4 channels IN & 4 channels OUT
Smart Battery
Yes
Chipset
Intel® Gen 8 Graphics Engine
Supports Gfx - DX11.1, OCL1.2, OGL 4.2
Display Interface
1 x DDI (DP, HDMI, DVI)
1 x LVDS; 18/24-bit single channel (eDP option)
Rear view
Onboard DDR3L chip
Onboard DDR3L chip
COM Express Interface
Connector
Intel® N3xxx
processor
Low Power
USB 3.0
USB
USB
DualView
Full Solid
Cap Design
AiRD
DDR3L
DDR3L
DDR3L
Ordering Information
Standard
CEM300PG-N3700-4G
COM Express type 10 mini module with Intel® Pentium®
N3700, 4 GB, DP/LVDS, USB 3.0 and 10/100/1000Mbps
Ethernet
CEM300PG-N3150-4G
COM Express type 10 mini module with Intel® Celeron®
N3150, 4 GB, DP/LVDS, USB 3.0 and 10/100/1000Mbps
Ethernet
CEM300PG-N3050-4G
COM Express type 10 mini module with Intel® Celeron®
N3050, 4 GB, DP/LVDS, USB 3.0 and 10/100/1000Mbps
Ethernet


Similar Part No. - CEM300

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM300PG-N3060-4G AXIOMTEK-CEM300PG-N3060-4G Datasheet
301Kb / 2P
   COM Express Type 10 Mini Module with Intel짰 Pentium짰 & Celeron짰 N3000 Series Processors
CEM300PG-N3160-4G AXIOMTEK-CEM300PG-N3160-4G Datasheet
301Kb / 2P
   COM Express Type 10 Mini Module with Intel짰 Pentium짰 & Celeron짰 N3000 Series Processors
CEM300PG-N3710-4G AXIOMTEK-CEM300PG-N3710-4G Datasheet
301Kb / 2P
   COM Express Type 10 Mini Module with Intel짰 Pentium짰 & Celeron짰 N3000 Series Processors
CEM300 AXIOMTEK-CEM300_17 Datasheet
286Kb / 1P
   COM Express Type 10 Mini Module with Intel Pentium & Celeron N3000 Series
More results

Similar Description - CEM300

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
NANOX-AL ADLINK-NANOX-AL Datasheet
444Kb / 4P
   COM Express Mini Size Type 10 Module
logo
Axiomtek Co., Ltd.
CEM300PG-N3060-4G AXIOMTEK-CEM300PG-N3060-4G Datasheet
301Kb / 2P
   COM Express Type 10 Mini Module with Intel짰 Pentium짰 & Celeron짰 N3000 Series Processors
CEM846 AXIOMTEK-CEM846 Datasheet
359Kb / 1P
   E3800 Family COM Express Type 10 Mini Module
logo
Advantech Co., Ltd.
SOM-5897 ADVANTECH-SOM-5897_17 Datasheet
883Kb / 2P
   Processors COM Express Basic Module
logo
Adlink Technology Inc.
NANOX-BT ADLINK-NANOX-BT Datasheet
430Kb / 4P
   Extreme Rugged COM Express Mini Size Type 10 Module
logo
Axiomtek Co., Ltd.
CEM840 AXIOMTEK-CEM840 Datasheet
316Kb / 1P
   Intel Atom E3800 Family COM Express Type 10 Mini Module
CEM846 AXIOMTEK-CEM846_17 Datasheet
285Kb / 1P
   COM Express Type 10 Mini Module with Intel Atom E3800 Family
CEM311 AXIOMTEK-CEM311 Datasheet
272Kb / 1P
   COM Express Type 10 Mini Module with Intel Pentium Processor N4200 & Celeron
CEM300 AXIOMTEK-CEM300_17 Datasheet
286Kb / 1P
   COM Express Type 10 Mini Module with Intel Pentium & Celeron N3000 Series
logo
Advantech Co., Ltd.
SOM-7565M4-S6A1E ADVANTECH-SOM-7565M4-S6A1E Datasheet
948Kb / 2P
   Intel짰 Atom??Processor N2000 Series COM Express Mini Module Pin-out Type 10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com