Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GOT3846T-832 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # GOT3846T-832
Description  Supports WLAN module and external antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

GOT3846T-832 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  GOT3846T-832 Datasheet HTML 1Page - Axiomtek Co., Ltd. GOT3846T-832 Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
558
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
2
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Ordering Information
Specifications
Optional EOS Installation
Optional OS Installation
Dimensions
I/O Connector
3 x RS-232 (COM 2/3/4)
1 x RS-232/422/485 (COM 1)
1 x VGA
1 x Audio (Line-out)
4 x USB 2.0
2 x 10/100/1000Mbps Ethernet
Expansion Interface
1 x PCIe Mini Card
Touchscreen
Resistive type
Power Supply
10~30VDC with power protection
Dimensions
248 mm (9.76") (W) x 58.3 mm (2.29") (D) x 183 mm (7.2") (H)
Packing Dimensions
390 mm (15.35") (W) x 190 mm (7.48") (D) x 430 mm (16.92") (H)
Weight (net/gross)
3.4 kg (7.49 lb)/5.8 kg (12.78 lb)
Environment
Operating temperature: -20°C ~ +55°C (-4°F ~ +131°F)
(with W.T. DRAM/HDD/CF)
Storage Temperature: -30°C ~ +80°C (-22°F ~ +176°F)
Relative humidity: 10% ~ 95% @ 40°C; non-condensing
Operation vibration:
1G, 5 ~ 500Hz, random for 2.5" HDD
2G, 5 ~ 500Hz, random for CompactFlash™
Certificate
CE
* W.T.: Wide Temperature. All W.T. supported products have to be sorted by Axiomtek.
GOT3846T-832
8.4" SVGA TFT fanless touch panel computer with Intel®
Atom™ N2600 1.6 GHz dual core processor, resistive touch
screen and 10~30VDC terminal block connector
* Specification and certifications are based on options and may vary.
WES
Windows® Embedded Standard 7 (32-bit)
Windows® XP
Windows® 7 (32-bit)


Similar Part No. - GOT3846T-832

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT3106T-832 AXIOMTEK-GOT3106T-832 Datasheet
394Kb / 2P
   Over-current power protection-fuse
GOT3126T-832 AXIOMTEK-GOT3126T-832 Datasheet
425Kb / 2P
   Easy for expansion: PCIe Mini Card
GOT3126T-834 AXIOMTEK-GOT3126T-834 Datasheet
470Kb / 2P
   12.1 XGA TFT Extended Temp. Fanless Touch Panel Computer with Intel Atom Processor E3827 (-20C55C)
GOT3126T-834 AXIOMTEK-GOT3126T-834 Datasheet
490Kb / 2P
   9~36VDC wide voltage and over current protection
GOT3126T-834 AXIOMTEK-GOT3126T-834_16 Datasheet
490Kb / 2P
   9~36VDC wide voltage and over current protection
More results

Similar Description - GOT3846T-832

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
GOT-3846T-832 AXIOMTEK-GOT-3846T-832 Datasheet
311Kb / 2P
   Supports WLAN module & external antenna
GOT3157W-832-PCT AXIOMTEK-GOT3157W-832-PCT_16 Datasheet
498Kb / 2P
   Supports WLAN module & antenna
GOT3187W-881-PCT AXIOMTEK-GOT3187W-881-PCT Datasheet
1Mb / 2P
   Supports WLAN module & antenna (optional)
GOT5100T-832 AXIOMTEK-GOT5100T-832_16 Datasheet
491Kb / 2P
   Supports WLAN module & internal antenna
GOT5840T-834 AXIOMTEK-GOT5840T-834 Datasheet
527Kb / 2P
   Supports WLAN module & internal antenna
GOT-3126TL-830 AXIOMTEK-GOT-3126TL-830 Datasheet
389Kb / 2P
   Supports WLAN antenna
GOT-3156T-823 AXIOMTEK-GOT-3156T-823 Datasheet
264Kb / 2P
   Supports WLAN antenna
GOT-3571T AXIOMTEK-GOT-3571T Datasheet
344Kb / 2P
   Supports WLAN antenna
GOT-3570T AXIOMTEK-GOT-3570T Datasheet
344Kb / 2P
   Supports WLAN antenna
logo
Maxtena Inc.
MEA-2400-UWB-SMA MAXTENA-MEA-2400-UWB-SMA Datasheet
439Kb / 3P
   External Mount Wi-Fi/ISM/ZigBee/WLAN/Bluetooth 2.4GHz Antenna
REV A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com