Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHM1524S12 Datasheet(PDF) 3 Page - XP Power Limited

Part # JHM1524S12
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JHM1524S12 Datasheet(HTML) 3 Page - XP Power Limited

  JHM1524S12 Datasheet HTML 1Page - XP Power Limited JHM1524S12 Datasheet HTML 2Page - XP Power Limited JHM1524S12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
20
40
60
80
100
Ambient Temperature (°C)
JHM15 Series
www.xppower.com
DC-DC Converter
3
07 July 15
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
Immunity
IEC60601-1-2, EN61204-3
ESD Immunity
EN61000-4-2
2A
Radiated Immunity
EN61000-4-3
10 V/m
A
EFT/Burst
EN61000-4-4
2A
Surges
EN61000-4-5
1A
Conducted Immunity
EN61000-4-6
10 Vm
A
Magnetic Fields
EN61000-4-8
3 A/m
A
Safety Approvals
ANSI/AMMI ES60601-1 3rd Edition, CSA-22.2 No.60601-1:2008, IEC60601-1 3rd Edition
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Conducted
EN55011 & EN55022
Level A
Radiated
EN55011 & EN55022
Level A
Application Notes
For 5 V output:
Trim +10%, R = 3.4 k typical
Trim -10%, R = 1.1 k typical
For 12 V output:
Trim +10%, R = 5.9 k typical
Trim -10%, R = 11.3 k typical
For 15 V output:
Trim +10%, R = 8.4 k typical
Trim -10%, R = 10.4 k typical
For ±5 V output:
Trim +10%, R = 12.0 k typical
Trim -10%, R = 8.0 k typical
For ±12 V output:
Trim +10%, R = 12.8 k typical
Trim -10%, R = 9.5 k typical
For ±15 V output:
Trim +10%, R = 18 k typical
Trim -10%, R = 14.8 k typical
Trim
Trim Up
-Vout
+ Vout
Trim Down
Trim
External Output Trim
Derating Curve
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
CB Report
IEC60601-1 Ed 3 Including Risk Management
Medical
UL
ANSI/AAMI ES60601-1 3rd Ed. & CSA C22.2, No.60601-1:2008
Medical


Similar Part No. - JHM1524S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JHM1005D05 XPPOWER-JHM1005D05 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005D12 XPPOWER-JHM1005D12 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005D15 XPPOWER-JHM1005D15 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S05 XPPOWER-JHM1005S05 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S12 XPPOWER-JHM1005S12 Datasheet
120Kb / 2P
   International Medical Approvals
More results

Similar Description - JHM1524S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com