Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHM1524S12 Datasheet(PDF) 2 Page - XP Power Limited

Part # JHM1524S12
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JHM1524S12 Datasheet(HTML) 2 Page - XP Power Limited

  JHM1524S12 Datasheet HTML 1Page - XP Power Limited JHM1524S12 Datasheet HTML 2Page - XP Power Limited JHM1524S12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
JHM15 Series
www.xppower.com
2
DC-DC Converter
Input
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5
15
V
See Models and Ratings table
Output Voltage Trim
±10
%
Via external resistors, see Application Notes
Initial Set Accuracy
±1
%
on V1
±2
%
on V2 of dual output models
Minimum Load
0A
No minimum load required
Start Up Delay
5
ms
Start Up Rise Time
2
ms
Line Regulation
±0.3
%
Load Regulation
±2
%
0 - 10% load
±1
%
10 - 100% load
Cross Regulation
±4
%
On dual output models with one output set to 50% load and
the other varied from 10% to 100% load (D05 20% to 100%)
Transient Response
4
% deviation
Recovery to within 1% in <500 µs for a 50% load change
at 0.25 A/µs rate
Ripple & Noise
1
% pk-pk
20 MHz bandwidth
Short Circuit Protection
Trip & Restart (hiccup mode), auto recovery
Overload Protection
120
200
%
Trip & Restart (hiccup mode)
Overvoltage Protection
115
140
%
Non latching, auto recovery
Temperature Coefficient
0.03
%/ ˚C
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage Range
9
18
VDC
12 V nominal
18
36
VDC
24 V nominal
Input Current
See Models and Ratings table
Inrush Current
20
A
at 36 V
Input Filter
Pi type
Patient Leakage Current
2
µA
Undervoltage Lockout
On at >8.8 V. Off <8.3 V
12 V models
On at >17.5 V. Off <17.0 V
24 V models
Input Surge
25
VDC
12 V models for 3 s
50
VDC
24 V models for 3 s
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
86
%
See Models and Ratings table
Isolation
4000
VAC
For 1 min. Double/reinforced with a working voltage of 250
VAC. Meets 2 x MOPP per 3rd edition of IEC60601-1 5000
VAC for 10 ms in accordance with IEC60664-1
Input to Output Capacitance
20
pF
Switching Frequency
250
kHz
Power Density
23
W/in3
Mean Time Between Failure
>1
MHrs
MIL-HDBK-217F, +25 °C GB
Weight
0.04 (20.0)
lb (g)
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+80
°C
See derating curve
Storage Temperature
-55
+100
°C
Case Temperature
+100
°C
Humidity
5
90
%RH
Non-condensing
Cooling
Natural convection
Shock
±3 shocks in each plane, total 18 shocks of 30 g : 11 ms halfsine. Conforms to EN60068-2-27 & EN60068-2-47
Vibration
10-500 Hz at 2 g sweep and endurance at resonance in all 3 planes. Conforms to EN60068-2-6


Similar Part No. - JHM1524S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JHM1005D05 XPPOWER-JHM1005D05 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005D12 XPPOWER-JHM1005D12 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005D15 XPPOWER-JHM1005D15 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S05 XPPOWER-JHM1005S05 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S12 XPPOWER-JHM1005S12 Datasheet
120Kb / 2P
   International Medical Approvals
More results

Similar Description - JHM1524S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com