Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHM1524S12 Datasheet(PDF) 1 Page - XP Power Limited

Part # JHM1524S12
Description  DC-DC Converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

JHM1524S12 Datasheet(HTML) 1 Page - XP Power Limited

  JHM1524S12 Datasheet HTML 1Page - XP Power Limited JHM1524S12 Datasheet HTML 2Page - XP Power Limited JHM1524S12 Datasheet HTML 3Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JHM15 Series
DC-DC Converter
xxx Series
www.xppower.com
1
Models & Ratings
Notes
1. Input current measured at nominal input voltage.
2. Input current measured at lowest input voltage.
3. Maximum capacitive load is per output.
4. Typical values.
• International Medical Approvals
• 4000 VAC Reinforced Insulation
• Medical Approval, IEC60601-1, 3rd Edition
• 2 µA Patient Leakage Current
• Compact 1 x 1.6” Footprint
• EN55011 Level A With No External Components
• 3 Year Warranty
Dimensions:
JHM15:
1.60 x 1.00 x 0.40” (40.60 x 25.40 x 10.20 mm)
15 Watts
Input Voltage
Output Voltage
Output Current
Input Current
Maximum
Capacitive Load(3)
Efficiency(4)
Model Number
No Load(1)
Full Load(2)
9-18 V
5.0 V
3000 mA
9.2 mA
1930 mA
3000 µF
87%
JHM1512S05
12.0 V
1250 mA
6.5 mA
1938 mA
1330 µF
86%
JHM1512S12
15.0 V
1000 mA
8.0 mA
1944 mA
1000 µF
86%
JHM1512S15
±5.0 V
±1500 mA
6.6 mA
1955 mA
±1470 µF
84%
JHM1512D05
±12.0 V
±625 mA
11.2 mA
1911 mA
±660 µF
87%
JHM1512D12
±15.0 V
±500 mA
11.0 mA
1879 mA
±550 µF
88%
JHM1512D15
18-36 V
5.0 V
3000 mA
5.6 mA
972 mA
3000 µF
86%
JHM1524S05
12.0 V
1250 mA
6.1 mA
968 mA
1830 µF
85%
JHM1524S12
15.0 V
1000 mA
6.4 mA
966 mA
1000 µF
87%
JHM1524S15
±5.0 V
±1500 mA
5.4 mA
981 mA
±1470 µF
83%
JHM1524D05
±12.0 V
±625 mA
7.3 mA
954 mA
±660 µF
87%
JHM1524D12
±15.0 V
±500 mA
8.5 mA
943 mA
±550 µF
87%
JHM1524D15
BOTTOM VIEW
1
2
6
54
3
0.200 (5.08)
0.100 (2.54)
0.100 (2.54)
0.40 (10.2)
0.22 (5.6) min
ø
0.040 (1.02)
1.00 (25.4)
0.200 (5.08)
0.400 (10.16)
0.400 (10.16)
0.400 (10.16)
1. All dimensions are in inches (mm)
2. Weight: 0.04 lbs (20 g) approx.
3. Pin diameter: 0.02 ±0.002 (0.5 ±0.05)
4. Pin pitch tolerance: ±0.01 (±0.25)
5. Case tolerance: ±0.02 (±0.5)
Notes
Mechanical Details
Pin Connections
Pin
Single
Dual
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
-Vout
Common
5
Trim
-Vout
6
No Pin
No Pin


Similar Part No. - JHM1524S12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JHM1005D05 XPPOWER-JHM1005D05 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005D12 XPPOWER-JHM1005D12 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005D15 XPPOWER-JHM1005D15 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S05 XPPOWER-JHM1005S05 Datasheet
120Kb / 2P
   International Medical Approvals
JHM1005S12 XPPOWER-JHM1005S12 Datasheet
120Kb / 2P
   International Medical Approvals
More results

Similar Description - JHM1524S12

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com