Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPD06N03L Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPD06N03L
Description  OptiMOS Buck converter series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD06N03L Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPD06N03L Datasheet HTML 1Page - Infineon Technologies AG IPD06N03L Datasheet HTML 2Page - Infineon Technologies AG IPD06N03L Datasheet HTML 3Page - Infineon Technologies AG IPD06N03L Datasheet HTML 4Page - Infineon Technologies AG IPD06N03L Datasheet HTML 5Page - Infineon Technologies AG IPD06N03L Datasheet HTML 6Page - Infineon Technologies AG IPD06N03L Datasheet HTML 7Page - Infineon Technologies AG IPD06N03L Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2003-01-17
Page 5
IPD06N03L
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
3.5
4
V
5
VDS
0
10
20
30
40
50
60
70
80
90
100
A
120
IPD06N03L
V
GS
[V]
a
a
2.6
b
b
2.8
c
c
3.0
d
d
3.2
e
e
3.4
f
f
3.6
g
g
3.8
h
h
4.5
i
Ptot = 150W
i
10.0
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
10
20
30
40
50
60
70
A
85
ID
0
2
4
6
8
10
12
14
16
19
IPD06N03L
VGS [V] =
d
d
3.2
e
e
3.4
f
f
3.6
g
g
3.8
h
h
4.5
i
i
10.0
7 Typ. transfer characteristics
ID= f ( VGS ); VDS≥ 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
0.5
1
1.5
2
2.5
3
V
4
VGS
0
5
10
15
20
25
30
35
40
45
50
A
60
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
20
40
60
80
100
A
130
ID
0
10
20
30
40
50
60
70
S
90


Similar Part No. - IPD06N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD06N03LA INFINEON-IPD06N03LA Datasheet
348Kb / 10P
   OptiMOS 2 Power-Transistor
2004-02-04
IPD06N03LA INFINEON-IPD06N03LA Datasheet
413Kb / 11P
   OptiMOS 2 Power-Transistor
Rev. 1.7 2004-05-19
IPD06N03LA INFINEON-IPD06N03LA Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
IPD06N03LAG INFINEON-IPD06N03LAG Datasheet
418Kb / 12P
   OptiMOS짰2 Power-Transistor
Rev. 2.0 2006-05-11
IPD06N03LBG INFINEON-IPD06N03LBG Datasheet
286Kb / 9P
   OptiMOS짰2 Power-Transistor
Rev. 1.7 2006-05-15
More results

Similar Description - IPD06N03L

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD20N03L INFINEON-IPD20N03L Datasheet
158Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L Datasheet
156Kb / 8P
   OptiMOS Buck converter series
2003-03-17
IPP10N03L INFINEON-IPP10N03L Datasheet
452Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP04N03L INFINEON-IPP04N03L Datasheet
455Kb / 8P
   OptiMOS Buck converter series
2003-01-17
BSS670S2L INFINEON-BSS670S2L_06 Datasheet
198Kb / 8P
   OptiMOS Buck converter series
Rev. 2.3 2006-12-01
IPD09N03L INFINEON-IPD09N03L Datasheet
135Kb / 8P
   OptiMOS Buck converter series
2002-01-17
IPD12N03L INFINEON-IPD12N03L Datasheet
152Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP05N03L INFINEON-IPP05N03L Datasheet
449Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP15N03L INFINEON-IPP15N03L Datasheet
448Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPD14N03L INFINEON-IPD14N03L Datasheet
424Kb / 8P
   OptiMOS Buck converter series
2003-01-17
IPP07N03L INFINEON-IPP07N03L Datasheet
166Kb / 8P
   OptiMOS Buck converter series
2002-10-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com