Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AEB36US24 Datasheet(PDF) 1 Page - XP Power Limited

Part # AEB36US24
Description  36-100 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

AEB36US24 Datasheet(HTML) 1 Page - XP Power Limited

  AEB36US24 Datasheet HTML 1Page - XP Power Limited AEB36US24 Datasheet HTML 2Page - XP Power Limited AEB36US24 Datasheet HTML 3Page - XP Power Limited AEB36US24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
36 100 Watts
CEC2008 & EISA2007 Compliant
Low Profile
Single Outputs from 5 V to 48 V
High Power Density
Universal Input
China Compulsory Certification (CCC) Qualified
3 Year Warranty
AEB Series
Input
Input Voltage
• 90-264 VAC
Input Frequency
• 47-63 Hz
Input Current
• AEB36: 1.00 A max
AEB45: 1.20 A max
AEB70: 1.50 A max
AEB100: 1.85 A max
Inrush Current
• AEB36: 60 A max at 240 VAC
AEB45: 70 A max at 240 VAC
AEB70: 80 A max at 240 VAC
AEB100: 120 A max at 240 VAC
Power Factor
• EN61000-3-2, class A
Earth Leakage Current
• <3.5 mA (AEB45/70/100)
Input Protection
• Fitted with an internal fuse
AEB36 T1A/250 VAC,
AEB45/70/100 T2A/250 VAC
No Load Input Power
• <0.5 W
Output
Output Voltage
• See tables
Initial Set Accuracy
• ±2%, set at 60% load
Minimum Load
• No minimum load required
Start Up Delay
• 3 s max
Start Up Rise Time
• 20 ms
Hold Up Time
• AEB36/45/70: 8 ms at 115 VAC
AEB100: 20 ms at 115 VAC
Drift
• ±0.05%
Line Regulation
• ±1%
Load Regulation
• See tables
Ripple & Noise
• 1% pk-pk max, 20 MHz bandwidth,
(see note 2)
Transient Response
• 5% max deviation, recovery to within 1%
in 500 µs for a 25% load change
Overvoltage Protection
• Typical 125% max, latching
Overload Protection
• Trip & restart mode (hiccup mode)
Short Circuit Protection
• Continuous
Temperature
• ±0.04%/°C
Coefficient
xppower.com
General
Efficiency
• See tables
Energy Efficiency
• AEB70: Level V
All other models: Level IV
Isolation
• AEB36: 3000 VAC Input to Output
AEB45/70/100: 3000 VAC Input to Output,
1500 VAC Input to Ground. Negative
output is connected to ground. For
optional 500 VAC output to ground
isolation add suffix ‘-F’ to model number
Switching Frequency
• AEB36: 60 kHz typical, AEB45: 100 kHz
typical, AEB70: 65 kHz typical,
AEB100: 80 kHz typical PFC converter
45 kHz typical main converter
Power Density
• AEB36: 5.34 W/in3, AEB45: 3.81 W/in3,
AEB70: 4.92 W/in3, AEB100: 4.45 W/in3
MTBF
• AEB36: >360 kHrs, AEB45: >300 kHrs,
AEB70: >200 kHrs, AEB100: >150 kHrs
to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• AEB36/45/70: 0 ˚C to +60 °C derate
linearly from 100% load at +40 °C to 60%,
load at +60 °C, AEB100: 0 °C to +60 °C
derate linearly from 100% load at +40 °C to
50% load at +60 °C
Storage Temperature
• -20 °C to +85 °C
Operating Humidity
• 93% RH, non-condensing
EMC & Safety
Emissions
• EN55022, Level B conducted & radiated
Harmonic Currents
• EN61000-3-2 Class A
Voltage Flicker
• EN61000-3-3
ESD Immunity
• EN61000-4-2 Level 2 (contact) Perf Criteria A
EN61000-4-2 Level 3 (air) Perf Criteria A
Radiated Immunity
• EN61000-4-3, 3 V/m Perf Criteria A
EFT/Burst
• EN61000-4-4, level 2 Perf Criteria A
Surge
• EN61000-4-5, installation class 3,
Perf Criteria B
Conducted Immunity
• EN61000-4-6, Level 2 Perf Criteria A
Magnetic Field
• EN61000-4-8, 3 A/m Perf Criteria A
Dips & Interruptions
• EN61000-4-11, 30% 10 ms, 60% 100 ms,
100% 5000 ms Perf Criteria A, B, B
Safety Approvals
• EN60950-1:2006+A11, UL/cUL60950-1,
China Compulsory Certification (CCC)
qualified (AEB36/70 only)


Similar Part No. - AEB36US24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AEB36US24 XPPOWER-AEB36US24 Datasheet
640Kb / 4P
36-100Watts AEBSeries
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com