Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7221CDG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7221CDG4
Description  Dual Channel Digital Isolators
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7221CDG4 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7221CDG4 Datasheet HTML 1Page - Texas Instruments ISO7221CDG4 Datasheet HTML 2Page - Texas Instruments ISO7221CDG4 Datasheet HTML 3Page - Texas Instruments ISO7221CDG4 Datasheet HTML 4Page - Texas Instruments ISO7221CDG4 Datasheet HTML 5Page - Texas Instruments ISO7221CDG4 Datasheet HTML 6Page - Texas Instruments ISO7221CDG4 Datasheet HTML 7Page - Texas Instruments ISO7221CDG4 Datasheet HTML 8Page - Texas Instruments ISO7221CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
ISO722x Dual Channel Digital Isolators
A binary input signal is conditioned, translated to a
1 Features
balanced signal, then differentiated by the capacitive
1
1, 5, 25, and 150-Mbps Signaling Rate Options
isolation barrier. Across the isolation barrier, a
Low Channel-to-Channel Output Skew;
differential comparator receives the logic transition
1-ns Max
information, then sets or resets a flip-flop and the
output circuit accordingly. A periodic update pulse is
Low Pulse-Width Distortion (PWD); 1-ns Max
sent across the barrier to ensure the proper dc level
Low Jitter Content; 1 ns Typ at 150 Mbps
of the output. If this dc-refresh pulse is not received
50 kV/
μs Typical Transient Immunity
every 4
μs, the input is assumed to be unpowered or
not being actively driven, and the failsafe circuit
Operates with 2.8-V (C-Grade),
drives the output to a logic high state.
3.3-V, or 5-V Supplies
The small capacitance and resulting time constant
4-kV ESD Protection
provide fast operation with signaling rates available
High Electromagnetic Immunity
from 0 Mbps (DC) to 150 Mbps (The signaling rate of
–40°C to 125°C Operating Range
a line is the number of voltage transitions that are
Typical 28-Year Life at Rated Voltage
made per second expressed in the units bps). The A-
(see application report High-Voltage Lifetime of
option, B-option, and C-option devices have TTL
input thresholds and a noise filter at the input that
the ISO72x Family of Digital Isolators (SLLA197)
prevents transient pulses from being passed to the
and Figure 22)
output of the device. The M-option devices have
VDE Basic Insulation with 4000-VPK VIOTM, 560
CMOS VCC/2 input thresholds and do not have the
VPK VIORM per DIN V VDE V 0884-10 (VDE V
input noise filter and the additional propagation delay.
0884-10):2006-12 and DIN EN 61010-1 (VDE
The ISO7220x and ISO7221x devices require two
0411-1)
supply voltages of 2.8 V (C-Grade), 3.3 V, 5 V, or any
2500 VRMS Isolation per UL 1577
combination. All inputs are 5-V tolerant when supplied
CSA Approved for Component Acceptance Notice
from a 2.8-V or 3.3-V supply and all outputs are 4-mA
5A and IEC 60950-1
CMOS.
The
ISO7220x
and
ISO7221x
devices
are
2 Applications
characterized
for
operation
over
the
ambient
Industrial Fieldbus
temperature range of –40°C to 125°C.
Modbus
Device Information(1)
Profibus™
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DeviceNet™ Data Buses
ISO7220x
SOIC (8)
4.90 mm × 3.91 mm
Computer Peripheral Interface
ISO7221x
Servo Control Interface
(1) For all available packages, see the orderable addendum at
Data Acquisition
the end of the data sheet.
Simplified Schematic
3 Description
The ISO7220x and ISO7221x devices are dual-
channel digital isolators. To facilitate PCB layout, the
channels are oriented in the same direction in the
ISO7220x and in opposite directions in the ISO7221x.
These devices have a logic input and output buffer
separated by TI’s silicon-dioxide (SiO2) isolation
barrier, providing galvanic isolation of up to 4000 VPK
per VDE. Used in conjunction with isolated power
supplies, these devices block high voltage and isolate
VCCI and GNDI are supply and ground
connections respectively for the input
grounds, as well as prevent noise currents on a data
channels.
bus or other circuits from entering the local ground
and interfering with or damaging sensitive circuitry.
VCCO and GNDO are supply and ground
connections respectively for the output
channels.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7221CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7221CDG4 TI-ISO7221CDG4 Datasheet
734Kb / 25P
DUAL DIGITAL ISOLATORS
ISO7221CDG4 TI-ISO7221CDG4 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
More results

Similar Description - ISO7221CDG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1200 AD-ADUM1200 Datasheet
704Kb / 20P
Dual-Channel Digital Isolators
REV. B
logo
Silicon Laboratories
SI8410 SILABS-SI8410 Datasheet
571Kb / 26P
SINGLE & DUAL-CHANNEL DIGITAL ISOLATORS
logo
Texas Instruments
ISO7220A TI-ISO7220A_08 Datasheet
827Kb / 26P
DUAL DIGITAL ISOLATORS
ISO7220A TI-ISO7220A_10 Datasheet
827Kb / 28P
DUAL DIGITAL ISOLATORS
logo
Analog Devices
ADUM1200 AD-ADUM1200_12 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200UR-EP AD-ADUM1200UR-EP Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1200 AD-ADUM1200_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1201 AD-ADUM1201_15 Datasheet
444Kb / 28P
Dual-Channel Digital Isolators
Rev. I
ADUM1240 AD-ADUM1240 Datasheet
470Kb / 24P
Micropower, Dual-Channel Digital Isolators
REV. A
ADUM1240 AD-ADUM1240_V01 Datasheet
491Kb / 24P
Micropower, Dual-Channel Digital Isolators
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com