Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 11Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 12Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 13Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 14Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 15Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 16Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 17Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 18Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
15
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5 Register Maps
8.5.1 Configuration Registers
The internal configuration registers are accessed on byte boundaries. The configuration register values are
loaded with defaults, but can be overwritten when the TUSB4041I-Q1 device is in I2C or SMBus mode.
Table 3. Memory Map
BYTE ADDRESS
CONTENTS
EEPROM CONFIGURABLE
00h
ROM Signature Register
No
01h
Vendor ID LSB
Yes
02h
Vendor ID MSB
Yes
03h
Product ID LSB
Yes
04h
Product ID MSB
Yes
05h
Device Configuration Register
Yes
06h
Battery Charging Support Register
Yes
07h
Device Removable Configuration Register
Yes
08h
Port Used Configuration Register
Yes
09h
Reserved
Yes, program to 00h
0Ah
Device Configuration Register 2
Yes
0Bh
USB 2.0 Port Polarity Control Register
Yes
0Ch to 0Fh
Reserved
No
10h to 1Fh
UUID Byte [15:0]
No
20h to 21h
LangID Byte [1:0]
Yes, if customStrings is set
22h
Serial Number String Length
Yes, if customSerNum is set
23h
Manufacturer String Length
Yes, if customStrings is set
24h
Product String Length
Yes, if customStrings is set
25h to 2Fh
Reserved
No
30h to 4Fh
Serial Number String Byte [31:0]
Yes, if customSerNum is set
50h to 8Fh
Manufacturer String Byte [63:0]
Yes, if customStrings is set
90h to CFh
Product String Byte [63:0]
Yes, if customStrings is set
D0 to DFh
Reserved
No
F0h
Additional Feature Configuration Register
Yes
F1 to F7h
Reserved
No
F8h
Device Status and Command Register
No
F9 to FFh
Reserved
No
8.5.2 ROM Signature Register
Offset = 0h
Figure 3. ROM Signature Register
7
6
5
4
3
2
1
0
romSignature
RW-0
Table 4. ROM Signature Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
romSignature
RW
0
ROM signature register
The TUSB4041I-Q1 device uses this register in I2C mode to validate whether the
attached EEPROM has been programmed. The first byte of the EEPROM is
compared to the mask 55h and if not a match, the TUSB4041I-Q1 device aborts the
EEPROM load and executes with the register defaults.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com