Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 9Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 10Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 11Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 12Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 13Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 14Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 15Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 16Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
XI
XO
24 MHz
CL2
R1
10 M
CL1
13
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 2. OTP Configurable Features (continued)
CONFIGURATION REGISTER
OFFSET
BIT FIELD
DESCRIPTION
REG_07h
[1]
Port-removable configuration for downstream ports 2. OTP configuration is
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.
REG_07h
[2]
Port-removable configuration for downstream ports 3. OTP configuration is
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.
REG_07h
[3]
Port-removable configuration for downstream ports 4. OTP configuration is
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.
REG_0Ah
[3]
Enable device attach detection
REG_0Ah
[4]
High-current divider mode enable
REG_0Bh
[0]
USB 2.0 port polarity configuration for downstream ports 1
REG_0Bh
[1]
USB 2.0 port polarity configuration for downstream ports 2
REG_0Bh
[2]
USB 2.0 port polarity configuration for downstream ports 3
REG_0Bh
[3]
USB 2.0 port polarity configuration for downstream ports 4
REG_F0h
[3:1]
USB power switch power-on delay
8.3.4 Clock Generation
The TUSB4041I-Q1 device accepts a crystal input to drive an internal oscillator or an external clock source. If a
clock is provided to the XI pin instead of a crystal, the XO pin is left open. Otherwise, if a crystal is used, the
connection must follow these guidelines. Because the XI and XO pins are coupled to other leads and supplies on
the PCB, keep traces as short as possible and away from any switching leads. Minimize the capacitance
between the XI and XO pins by shielding C1 and C2 with the clean ground lines.
Figure 2. TUSB4041I-Q1 Clock
8.3.5 Crystal Requirements
The crystal must be fundamental mode with load capacitance of 12 to 24 pF and frequency stability rating of
±100 PPM or better. To ensure proper startup oscillation condition, TI recommends a maximum crystal
equivalent series resistance (ESR) of 50
Ω. If a crystal source is used, use a parallel load capacitor. The exact
load capacitance value used depends on the crystal vendor. Refer to application note Selection and Specification
for Crystals for Texas Instruments USB 2.0 Devices (SLLA122) for details on how to determine the load
capacitance value.
8.3.6 Input Clock Requirements
When using an external clock source such as an oscillator, the reference clock should have a frequency stability
of ±100 PPM or better and have less than 50-ps absolute peak-to-peak jitter. Tie XI to the 1.8-V clock source,
and leave XO floating.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com