Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 8Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 9Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 10Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 11Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 12Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 13Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 14Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 15Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
12
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Battery Charging Features
The TUSB4041I-Q1 device provides support for USB battery charging. Battery charging support may be enabled
on a per port basis through the REG_6h(batEn[3:0]).
Battery charging support includes both CDP and DCP modes. The DCP mode is compliant with the Chinese
Telecommunications Industry Standard YD/T 1591-2009.
In addition to standard DCP mode, the TUSB4041I-Q1 device provides a mode (AUTOMODE), which
automatically provides support for DCP devices and devices that support custom charging indication. When in
AUTOMODE, the port automatically switches between a divider mode and the DCP mode depending on the
portable device connected. The divided mode places a fixed DC voltage on the ports DP and DM signals, which
allows some devices to identify the capabilities of the charger. The default divider mode indicates support for up
to 10 W. The divider mode can be configured to report a legacy current setting (up to 5 W) through
REG_Ah(HiCurAcpModeEn).
The battery charging mode for each port is dependent on the state of Reg_6h(batEn[n]), the status of the VBUS
input, and the state of REG_Ah(autoModeEnz) upstream port as identified in Table 1.
(1)
Auto-mode automatically selects divider-mode or DCP mode.
(2)
Divider mode can be configured for legacy current mode through register settings.
(3)
Attached USB device is USB battery-charging specification revision 1.2 compliant
(4)
Chinese Telecommunications Industry Standard YD/T 1591-2009
Table 1. TUSB4041I-Q1 Battery Charging Modes
batEn[n]
VBUS
autoModeEnz
BC MODE PORT x
(x = n + 1)
0
Don’t care
Don’t care
Don’t Care
1
<4 V
0
Automode(1)(2)
1
DCP(3)(4)
>4 V
Don’t care
CDP(3)
8.3.2
USB Power Management
The TUSB4041I-Q1 device can be configured for power-switched applications using either per-port or ganged
power-enable controls and overcurrent status inputs.
Power switch support is enabled by REG_5h(fullPwrMgmtz), and the per-port or ganged mode is configured by
REG_5h(ganged).
The TUSB4041I-Q1 device supports both active-high and active-low power-enable controls. The PWRCTL[4:1]
polarity is configured by REG_Ah(pwrctlPol).
8.3.3 One-Time Programmable Configuration
The TUSB4041I-Q1 device allows device configuration through one-time programmable (OTP) non-volatile
memory. The programming of the OTP is supported using vendor-defined USB device requests. Contact TI for
details using the OTP features
Table 2 lists features that can be configured using the OTP.
Table 2. OTP Configurable Features
CONFIGURATION REGISTER
OFFSET
BIT FIELD
DESCRIPTION
REG_01h
[7:0]
Vendor ID LSB
REG_02h
[7:0]
Vendor ID MSB
REG_03h
[7:0]
Product ID LSB
REG_04h
[7:0]
Product ID MSB
REG_07h
[0]
Port-removable configuration for downstream ports 1. OTP configuration is
inverse of rmbl[3:0], that is 1 = not removable, 0 = removable.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com