Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 6Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 7Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 8Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 9Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 10Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 11Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 12Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 13Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
td2
GRSTz
VDD33
VDD
MISC_IO
td1
tsu_io
thd_io
10
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
An active reset is required if the VDD33 supply is stable before the VDD11 supply. This active Reset shall meet the 3ms power-up delay
counting from both power supplies being stable to the de-assertion of GRSTz.
(2)
The VDD33 and VDD have no power-on relationship unless GRSTz is only connected to a capacitor to GND. Then VDD must be stable
minimum of 10
μs before the VDD33.
(3)
MISC pins sampled at de-assertion of GRSTz: FULLPWRMGMTz, GANGED, PWRCTL_POL, SMBUSz, BATEN[4:1], and AUTOENz.
7.6 Power-Up Timing Requirements
MIN
NOM
MAX
UNIT
td1
VDD33 stable before VDD stable(1)
See (2)
ms
td2
VDD and VDD33 stable before deassertion of GRSTz
3
ms
tsu_io
Setup for MISC inputs(3) sampled at the deassertion of GRSTz
0.1
µs
thd_io
Hold for MISC inputs(3) sampled at the deassertion of GRSTz
0.1
µs
tVDD33_RAMP
VDD33 supply ramp requirements
0.2
100
ms
tVDD_RAMP
VDD supply ramp requirements
0.2
100
ms
Figure 1. Power-Up Timing Requirements
7.7 Hub Input Supply Current
Typical values measured at TA = 25°C
PARAMETER
VDD33
VDD
UNIT
3.3 V
1.1 V
LOW POWER MODES
Power on (after reset)
2.3
28
mA
Upstream disconnect
2.3
28
mA
Suspend
2.5
33
mA
ACTIVE MODES (US STATE AND DS STATE)
2.0 host / 1 HS device
45
63
mA
2.0 host / 4 HS devices
76
86
mA


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com