Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB4041I-Q1 Datasheet HTML 1Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 2Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 3Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 4Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 5Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 6Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 7Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 8Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
5
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
TYPE(1)
DESCRIPTION
NAME
NO.
XO
29
O
Crystal output. This pin is the crystal output for the internal oscillator. If the XI pin is
driven by an external oscillator, this pin may be left unconnected. When using a
crystal, a 1-M
Ω feedback resistor is required between the XI and XO pins.
USB UPSTREAM SIGNALS
USB_DM_UP
22
I/O
USB high-speed differential transceiver (negative)
USB_DP_UP
21
I/O
USB high-speed differential transceiver (positive)
USB_R1
32
I
Precision resistor reference. Connect a 9.53-k
Ω ±1% resistor between the USB_R1
pin and ground.
USB_VBUS
16
I
USB upstream port power monitor. The VBUS detection requires a voltage divider.
The signal USB_VBUS must be connected to VBUS through a 90.9-k
Ω ±1% resistor
and to ground through a 10-k
Ω ±1% resistor from the signal to ground.
USB DOWNSTREAM SIGNALS
OVERCUR1z
14
I
PU
USB port 1 overcurrent detection. This pin is used to connect the overcurrent output
of the downstream port power switch for port 1.
0 = An overcurrent event occurred.
1 = An overcurrent event has not occurred.
This pin can be left unconnected if power management is not implemented. If power
management is enabled, the necessary external circuitry should be determined by the
power switch.
OVERCUR2z
15
I
PU
USB port 2 overcurrent detection. This pin is used to connect the overcurrent output
of the downstream port power switch for port 2.
0 = An overcurrent event occurred.
1 = An overcurrent event has not occurred.
If power management is not implemented, leave this pin unconnected. If power
management is enabled, the necessary external circuitry should be determined by the
power switch.
OVERCUR3z
12
I
PU
USB port 3 overcurrent detection. This pin is used to connect the overcurrent output
of the downstream port power switch for port 3.
0 = An overcurrent event occurred.
1 = An overcurrent event has not occurred.
This pin can be left unconnected if power management is not implemented. If power
management is enabled, the necessary external circuitry should be determined by the
power switch.
OVERCUR4z
11
I
PU
USB port 4 overcurrent detection. This pin is used to connect the overcurrent output
of the downstream port power switch for port 4.
0 = An overcurrent event occurred.
1 = An overcurrent event has not occurred.
This pin can be left unconnected if power management is not implemented. If power
management is enabled, the necessary external circuitry should be determined by the
power switch.
PWRCTL1/BATEN1
4
I/O
PD
USB port 1 power-on control for downstream power and battery charging enable. The
pin is used for control of the downstream power switch for port 1.
The value of the pin is sampled at the deassertion of reset to determine the value of
the battery charging support for port 1 as indicated in the Battery Charging Support
Register:
0 = Battery charging not supported
1 = Battery charging supported
PWRCTL2/BATEN2
3
I/O
PD
USB port 2 power-on control for downstream power and battery charging enable. The
pin is used for control of the downstream power switch for port 2.
The value of the pin is sampled at the deassertion of reset to determine the value of
the battery charging support for Port 2 as indicated in the Battery Charging Support
Register:
0 = Battery charging not supported
1 = Battery charging supported


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB4041IPAP TI1-TUSB4041IPAP Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041IPAPR TI1-TUSB4041IPAPR Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com