Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TUSB4041I-Q1 Datasheet HTML 1Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 2Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 3Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 4Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 5Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 6Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 7Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 8Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
60
62
23
21
19
VDD
GRSTz
63
18
TEST
PWRCTL4/BATEN4
64
17
VDD
RSVD
RSVD
VDD33
61
20
USB_DP_UP
VDD
RSVD
USB_DM_UP
59
22
RSVD
RSVD
58
RSVD
57
24
USB_DM_DN4
VDD
56
25
USB_DP_DN4
RSVD
55
26
RSVD
RSVD
RSVD
54
27
VDD
NC
53
28
RSVD
XO
52
29
RSVD
XI
51
30
USB_DM_DN3
VDD33
50
31
USB_DP_DN3
USB_R1
49
32
1
48
2
47
3
46
4
45
5
44
6
43
16
33
15
34
14
35
13
36
12
37
11
38
10
39
7
42
8
41
9
40
4
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
I = Input, O = Output, I/O = Input/output, PU = Internal pullup resistor, PD = Internal pulldown resistor, and PWR = Power signal
6 Pin Configuration and Functions
PAP Package
64-Pin HTQFP With PowerPAD™
Top View
NC = No internal connection
Pin Functions
PIN
I/O(1)
TYPE(1)
DESCRIPTION
NAME
NO.
CLOCK AND RESET SIGNALS
GRSTz
18
I
PU
Global power reset. This reset brings all of the TUSB4041I-Q1 device internal
registers to the default state. When the GRSTz pin is asserted, the device is
completely nonfunctional.
XI
30
I
Crystal input. This pin is the crystal input for the internal oscillator. The input may
alternately be driven by the output of an external oscillator. When using a crystal, a 1-
M
Ω feedback resistor is required between the XI and XO pins.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com