Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 30Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 31Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 32Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 33Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 34Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 35Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 36Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 37Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
10 Power Supply Recommendations
10.1 TUSB4041I-Q1 Power Supply
The user should implement VDD as a single power plane, as well as VDD33.
The VDD pins of the TUSB4041I-Q1 supply 1.1-V (nominal) power to the core of the TUSB4041I-Q1 device.
This power rail can be isolated from all other power rails by a ferrite bead to reduce noise.
The DC resistance of the ferrite bead on the core power rail can affect the voltage provided to the device
because of the high current draw on the power rail. The user may need to adjust the output of the core
voltage regulator to account for this, or select a ferrite bead with low DC resistance (less than 0.05
Ω).
The VDD33 pins of the TUSB4041I-Q1 device supply 3.3-V power rail to the I/O of the TUSB4041I-Q1 device.
This power rail can be isolated from all other power rails by a ferrite bead to reduce noise.
All power rails require a 10-µF capacitor or 1-µF capacitors for stability and noise immunity. These bulk
capacitors can be placed anywhere on the power rail. Place the smaller decoupling capacitors as close to the
TUSB4041I-Q1 power pins as possible with an optimal grouping of two capacitors of differing values per pin.
10.2 Downstream Port Power
A source capable of supplying 5 V and up to 500 mA per port must supply the downstream port power,
VBUS. The TUSB4041I-Q1 signals can control the downstream port power switches. Leaving the
downstream port power as always enabled is also possible.
The VBUS of each downstream port requires a large-bulk low-ESR capacitor of 22 µF or larger to limit in-rush
current.
TI recommends the ferrite beads on the VBUS pins of the downstream USB port connections for both ESD
and EMI reasons. A 0.1-µF capacitor on the USB connector side of the ferrite provides a low-impedance path
to ground for fast rise time ESD current that might have coupled onto the VBUS trace from the cable.
10.3 Ground
TI recommends to use only one board ground plane in the design which provides the best image plane for signal
traces running above the plane. Connect the thermal pad of the TUSB4041I-Q1 and any of the voltage regulators
to this plane with vias. An earth or chassis ground is implemented only near the USB port connectors on a
different plane for EMI and ESD purposes.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com