Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TUSB4041I-Q1 Datasheet HTML 1Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 2Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 3Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 4Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 5Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 6Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 7Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 8Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Description (continued)
The TUSB4041I-Q1 device supports per-port or ganged power switching and overcurrent protection. The device
also supports battery charging applications.
An individually port-power-controlled hub switches power on or off to each downstream port as requested by the
USB host. Also when an individually port-power-controlled hub senses an overcurrent event, only power to the
affected downstream port is switched off.
A ganged hub switches on power to all of the downstream ports when power is required to be on for any port.
The power to the downstream ports is not switched off unless all ports are in a state that allows power to be
removed. Also, when a ganged hub senses an overcurrent event, power to all downstream ports are switched
off.
The TUSB4041I-Q1 device downstream ports provide support for battery charging applications by providing USB
battery charging downstream-port (CDP) handshaking support. The device also supports a dedicated charging-
port (DCP) mode when the upstream port is not connected. The DCP mode is compliant with the USB battery
charging specification and Chinese Telecommunications Industry Standard YD/T 1591-2009. Also, an automatic
mode provides transparent support for BC devices and devices supporting divider-mode charging solutions when
the upstream port unconnected.
The TUSB4041I-Q1 device provides pin-strap configuration for some features including battery charging support,
and also provides customization though OTP ROM, I2C EEPROM, or through an I2C and SMBus slave interface
for PID, VID, and custom port and phy configurations. Custom string support is also available when using an I
2C
EEPROM or the I2C and SMBus slave interface.
The device is available in a 64-pin PAP package and is offered in a industrial version for operation over the
temperature range of –40°C to 85°C.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com