Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 24Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 25Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 26Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 27Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 28Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 29Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 30Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 31Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
VBUS
USB_DP_UP
USB_DM_UP
R5
1 M
TUSB4041I_PAP
U1A
USB_VBUS
16
USB_DP_UP
21
USB_DM_UP
22
FULLPWRMGMTZ/SMBA1
8
GANGED/SMBA2/HS_UP
10
C3
0.001 µF
R2
10 K
1%
0402
1%
R3
4.7 K
R4
4.7 K
C2
0.1 µF
C1
10 µF
+5V
DM
DP
GND
J1
Type B USB-Shield
3
1
2
4
5
6
R1
90.9 K
0402
1%
28
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Application (continued)
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 26.
Table 26. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
VDD supply
1.1 V
VDD33 supply
3.3 V
Upstream port USB support (HS, FS)
HS, FS
Downstream port 1 USB support (HS, FS, LS)
HS, FS, LS
Downstream port 2 USB support (HS, FS, LS)
HS, FS, LS
Downstream port 3 USB support (HS, FS, LS)
HS, FS, LS
Downstream port 4 USB support (HS, FS, LS)
HS, FS, LS
Number of removable downstream ports
4
Number of non-removable downstream ports
0
Full power management of downstream ports
Yes (FULLPWRMGMTZ = 0)
Individual control of downstream port power switch
Yes (GANGED = 0)
Power switch enable polarity
Active high (PWRCTL_POL = 1)
Battery charge support for downstream port 1
Yes
Battery charge support for downstream port 2
Yes
Battery charge support for downstream port 3
Yes
Battery charge support for downstream port 4
Yes
I2C EEPROM support
No
24-MHz clock source
Crystal
9.2.2 Detailed Design Procedure
9.2.2.1 Upstream Port Implementation
Figure 26. Upstream Port Implementation
The upstream of the TUSB4041I-Q1 device is connected to a USB2 Type B connector. This particular example
has GANGED pin and FULLPWRMGMTZ pin pulled low, which results in individual power support each
downstream port. The VBUS signal from the USB2 Type B connector is feed through a voltage divider. The
purpose of the voltage divider is to make sure the level meets USB_VBUS input requirements


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com