Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 22Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 23Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 24Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 25Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 26Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 27Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 28Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 29Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
26
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5.22 Additional Feature Configuration Register
Offset = F0h
Figure 23. Additional Feature Configuration Register
7
6
5
4
3
2
1
0
RSVD
stsOutputEn
pwronTime
RSVD
R-0
R/RW-0
R/W-0
R/W-0
Table 24. Additional Feature Configuration Register Field Descriptions
Bit
Field
Type
Reset
Description
7:5
RSVD
R
0
Reserved
Read only, returns 0 when read.
4
RSVD
R/RW
0
Reserved.
3:1
pwronTime
RW
0
Power-on delay time
When OTP ROM pwronTime field is all 0, this field sets the delay time from the
removal disable of PWRCTL to the enable of PWRCTL when transitioning battery
charging modes. For example, when disabling the power on a transition from a
custom charging mode to dedicated charging port mode. The nominal timing is
defined as follows:
TPWRON_EN = (pwronTime + 1) x 200 ms
(1)
This field may be overwritten by EEPROM contents or by an SMBus host.
0
RSVD
RW
0
Reserved
8.5.23 Device Status and Command Register
Offset = F8h
Figure 24. Device Status and Command Register
7
6
5
4
3
2
1
0
RSVD
smbusRst
cfgActive
R-0
W1S-0
W1C-0
Table 25. Device Status and Command Register Field Descriptions
Bit
Field
Type
Reset
Description
7:2
RSVD
R
0
Reserved
Read only, returns 0 when read
6
smbusRst
W1S
0
SMBus interface reset
This bit loads the registers back to their GRSTz values.
This bit is set by writing a 1 and is cleared by hardware on completion of the reset. A
write of 0 has no effect.
5
cfgActive
W1C
0
Configuration active
This bit indicates that configuration of the TUSB4041I-Q1 device is currently active.
The bit is set by hardware when the device enters the I2C or SMBus mode. The
TUSB4041I-Q1 device does not connect on the upstream port while this bit is 1.
When in the SMBus mode, this bit must be cleared by the SMBus host to exit the
configuration mode and allow the upstream port to connect.
The bit is cleared by a writing 1. A write of 0 has no effect.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com