Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 21Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 22Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 23Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 24Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 25Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 26Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 27Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 28Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25
TUSB4041I-Q1
www.ti.com
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5.19 Serial Number String Registers
Offset = 30h-4Fh
Figure 20. Serial Number String Registers
7
6
5
4
3
2
1
0
serialNumber[n]
R/RW-X
Table 21. Serial Number String Registers Field Descriptions
Bit
Field
Type
Reset
Description
7:0
serialNumber[n]
R/RW
X
Serial Number byte N
The serial number returned in the Serial Number string descriptor at string index 1.
The default value of these registers is assigned by TI. When customSernum is 1,
these registers may be overwritten by EEPROM contents or by an SMBus host.
8.5.20 Manufacturer String Registers
Offset = 50h-8Fh
Figure 21. Manufacturer String Registers
7
6
5
4
3
2
1
0
mfgStringByte[n]
R/W-0
Table 22. Manufacturer String Registers Field Descriptions
Bit
Field
Type
Reset
Description
7:0
mfgStringByte[n]
R/W
0
Manufacturer string byte N
These registers provide the string values returned for string index 3 when
mfgStringLen is greater than 0. The number of bytes returned in the string is
equal to mfgStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined
by the Unicode Standard, Worldwide Character Encoding, Version 5.0.
8.5.21 Product String Byte N Register
Offset = 90h-CFh
Figure 22. Product String Byte N Register
7
6
5
4
3
2
1
0
prodStringByte[n]
R/RW-0
Table 23. Product String Byte N Register Field Descriptions
Bit
Field
Type
Reset
Description
7:0
prodStringByte[n]
R/RW
0
Product string byte N
These registers provide the string values returned for string index 2 when
prodStringLen is greater than 0. The number of bytes returned in the string is
equal to prodStringLen.
The programmed data should be in UNICODE UTF-16LE encodings as defined by
the Unicode Standard, Worldwide Character Encoding, Version 5.0.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
[Old version datasheet]   Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
   Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
[Old version datasheet]   TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
[Old version datasheet]   Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
[Old version datasheet]   USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
[Old version datasheet]   Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
   4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
   USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
[Old version datasheet]   Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com