Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 16Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 17Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 18Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 19Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 20Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 21Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 22Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 23Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
20
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
8.5.11 Device Configuration Register 2
Offset = Ah
Figure 12. Device Configuration Register 2
7
6
5
4
3
2
1
0
RSVD
customBCfeatu
res
pwrctlPol
HiCurAcpMode
En
cpdEN
RSVD
autoModeEnz
RSVD
R-0
RW-0
RW-X
R/RW-0
R/RW-0
RW-0
RW-X
R-0
Table 13. Device Configuration Register 2 Field Descriptions
Bit
Field
Type
Reset
Description
7
RSVD
R
0
Reserved
Read only, returns 0 when read.
6
customBCfeatures
RW
0
Custom battery charging feature enable
This bit controls the ability to write to the battery charging feature configuration
controls.
0 = The HiCurAcpModeEn and cpdEN bits are read only and the values
are loaded from the OTP ROM.
1 = The HiCurAcpModeEn and cpdEN, bits are R/W and can be loaded
by EEPROM or written by SMBus from this register.
This bit may be written simultaneously with HiCurAcpModeEn and cpdEN.
5
pwrctlPol
RW
X
Power enable polarity
This bit is loaded at the deassertion of reset with the value of the
PWRCTL_POL pin.
0 = PWRCTL polarity is active low.
1 = PWRCTL polarity is active high.
When the TUSB4041I-Q1 device is in I2C mode, the TUSB4041I-Q1 device
loads this bit from the contents of the EEPROM.
When the TUSB4041I-Q1 device is in SMBUS mode, the value may be
overwritten by an SMBus host.
4
HiCurAcpModeEn
R/RW
0
High-current ACP mode enable
This bit enables the high-current tablet charging mode when the automatic
battery charging mode is enabled for downstream ports.
0 = High-current divider mode disabled. Legacy current divider mode
enabled.
1 = High-current divider mode enabled
This bit is read only unless the customBCfeatures bit is set to 1. If
customBCfeatures is 0, the value of this bit reflects the value of the
OTP ROM HiCurAcpModeEn bit.
3
cpdEN
RRW
0
Enable device attach detection
This bit enables device attach detection (such as a cell-phone detect) when
auto mode is enabled.
0 = Device attach detect is disabled in auto mode.
1 = Device attach detect is enabled in auto mode.
This bit is read only unless the customBCfeatures bit is set to 1. If
customBCfeatures is 0, the value of this bit reflects the value of the OTP ROM
cpdEN bit.
2
RSVD
RW
0
Reserved


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com