Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TUSB4041I-Q1 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB4041I-Q1
Description  Four-Port USB 2.0 Hub
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB4041I-Q1 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB4041I-Q1 Datasheet HTML 14Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 15Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 16Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 17Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 18Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 19Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 20Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 21Page - Texas Instruments TUSB4041I-Q1 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
18
TUSB4041I-Q1
SLLSEK4B – JULY 2015 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: TUSB4041I-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table 9. Device Configuration Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
3
ganged
RW
X
Ganged
This bit is loaded at the deassertion of reset with the value of the
GANGED/SMBA2/HS_UP pin.
0 = Each port is individually power switched and enabled by the
PWRCTL[4:1]/BATEN[4:1] pins.
1 = The power switch control for all ports is ganged and enabled by the
PWRCTL[4:1]/BATEN1 pin.
When the TUSB4041I-Q1 device is in I2C mode, the TUSB4041I-Q1 device loads
this bit from the contents of the EEPROM.
When the TUSB4041I-Q1 device is in SMBUS mode, the value may be overwritten
by an SMBus host.
2
fullPwrMgmtz
RW
X
Full power management
This bit is loaded at the deassertion of reset with the value of the
FULLPWRMGMTz/SMBA1 pin.
0 = Port power switching status reporting is enabled
1 = Port power switching status reporting is disabled
When the TUSB4041I-Q1 device is in I2C mode, the TUSB4041I-Q1 device loads
this bit from the contents of the EEPROM.
When the TUSB4041I-Q1 device is in SMBUS mode, the value may be overwritten
by an SMBus host.
1
RSVD
RW
0
Reserved
This field is reserved and should not be altered from the default.
0
RSVD
R
0
Reserved
This field is reserved and returns 0 when read.
8.5.8 Battery Charging Support Register
Offset = 6h
Figure 9. Battery Charging Support Register
7
6
5
4
3
2
1
0
RSVD
batEn[3:0]
R-0
RW-X
Table 10. Battery Charging Support Register Field Descriptions
Bit
Field
Type
Reset
Description
7:4
RSVD
R
0
Reserved
Read only, returns 0 when read.
3:0
batEn[3:0]
RW
X
Battery Charger Support. The bits in this field indicate whether the downstream port
implements the charging port features.
0 = The port is not enabled for battery charging support features
1 = The port is enabled for battery charging support features
Each bit corresponds directly to a downstream port, that is batEn0 corresponds to
downstream port 1, and batEN1 corresponds to downstream port 2.
The default value for these bits are loaded at the deassertion of reset with the value
of PWRCTL/BATEN[3:0].
When in I2C/SMBus mode the bits in this field may be overwritten by EEPROM
contents or by an SMBus host.


Similar Part No. - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I-Q1 TI-TUSB4041I-Q1 Datasheet
842Kb / 48P
TUSB4041I Four-Port USB 2.0 Hub
SEPTEMBER 2017
More results

Similar Description - TUSB4041I-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
logo
Texas Instruments
TUSB4041I TI1-TUSB4041I_15 Datasheet
1Mb / 44P
TUSB4041I Four-Port USB 2.0 Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
logo
IOGEAR
GUH285W6 IOGEAR-GUH285W6 Datasheet
143Kb / 3P
4-Port USB 2.0 Hub
logo
Exar Corporation
XR22404 EXAR-XR22404 Datasheet
465Kb / 14P
USB 2.0 4-Port Hub
logo
Texas Instruments
TUSB4020BI-Q1 TI1-TUSB4020BI-Q1 Datasheet
1Mb / 45P
Two-Port USB 2.0 Hub
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com