Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C161K-LM3V Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SAF-C161K-LM3V
Description  16-Bit Single-Chip Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161K-LM3V Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SAF-C161K-LM3V Datasheet HTML 6Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 7Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 8Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 9Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 10Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 11Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 12Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 13Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
C161K
C161O
Data Sheet
6
V2.0, 2001-01
RD
25
O
External Memory Read Strobe. RD is activated for every
external instruction or data read access.
WR/
WRL
26
O
External Memory Write Strobe. In WR-mode this pin is
activated for every external data write access. In WRL-mode
this pin is activated for low byte data write accesses on a 16-
bit bus, and for every data write access on an 8-bit bus. See
WRCFG in register SYSCON for mode selection.
ALE
27
O
Address Latch Enable Output. Can be used for latching the
address into external memory or an address latch in the
multiplexed bus modes.
EA
28
I
External Access Enable pin. A low level at this pin during and
after Reset forces the C161K/O to begin instruction
execution out of external memory. A high level forces
execution out of the internal program memory.
“ROMless” versions must have this pin tied to ‘0’.
PORT0
P0L.0-7
P0H.0-7
29-36
39-46
IO
PORT0 consists of the two 8-bit bidirectional I/O ports P0L
and P0H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state. In case of an external bus
configuration, PORT0 serves as the address (A) and
address/data (AD) bus in multiplexed bus modes and as the
data (D) bus in demultiplexed bus modes.
Demultiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
D0 – D7
D0 – D7
P0H.0 – P0H.7:
I/O
D8 – D15
Multiplexed bus modes:
Data Path Width:
8-bit
16-bit
P0L.0 – P0L.7:
AD0 – AD7
AD0 – AD7
P0H.0 – P0H.7:
A8 – A15
AD8 – AD15
PORT1
P1L.0-7
P1H.0-7
47-54
55-62
IO
PORT1 consists of the two 8-bit bidirectional I/O ports P1L
and P1H. It is bit-wise programmable for input or output via
direction bits. For a pin configured as input, the output driver
is put into high-impedance state. PORT1 is used as the 16-
bit address bus (A) in demultiplexed bus modes and also
after switching from a demultiplexed bus mode to a
multiplexed bus mode.
Table 2
Pin Definitions and Functions (cont’d)
Symbol Pin
Num
Input
Outp.
Function


Similar Part No. - SAF-C161K-LM3V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C161PI INFINEON-SAF-C161PI Datasheet
5Mb / 400P
   16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Siemens Semiconductor G...
SAF-C161RI SIEMENS-SAF-C161RI Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAF-C161S INFINEON-SAF-C161S Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
SAF-C161S-L25M INFINEON-SAF-C161S-L25M Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
SAF-C161S-LM3V INFINEON-SAF-C161S-LM3V Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
More results

Similar Description - SAF-C161K-LM3V

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com