Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAF-C161K-LM3V Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SAF-C161K-LM3V
Description  16-Bit Single-Chip Microcontroller
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAF-C161K-LM3V Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SAF-C161K-LM3V Datasheet HTML 5Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 6Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 7Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 8Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 9Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 10Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 11Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 12Page - Infineon Technologies AG SAF-C161K-LM3V Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
C161K
C161O
Data Sheet
5
V2.0, 2001-01
Table 2
Pin Definitions and Functions
Symbol Pin
Num
Input
Outp.
Function
XTAL1
XTAL2
2
3
I
O
XTAL1:
Input to the oscillator amplifier and input
to the internal clock generator
XTAL2:
Output of the oscillator amplifier circuit.
To clock the device from an external source, drive XTAL1,
while leaving XTAL2 unconnected. Minimum and maximum
high/low and rise/fall times specified in the AC
Characteristics must be observed.
P3
IO
Port 3 is a 12-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 3 outputs can be configured as push/
pull or open drain drivers. The Port 3 pins serve for following
alternate functions:
P3.2
5
I
CAPIN
GPT2 Register CAPREL Capture Input
This alternate input is only available in the C161O.
P3.3
P3.4
P3.5
P3.6
P3.7
P3.8
P3.9
P3.10
P3.11
P3.12
P3.13
6
7
8
9
10
11
12
13
14
15
16
O
I
I
I
I
I/O
I/O
O
I/O
O
O
I/O
T3OUT
GPT1 Timer T3 Toggle Latch Output
T3EUD
GPT1 Timer T3 External Up/Down Control Input
T4IN
GPT1 Timer T4 Count/Gate/Reload/Capture Inp
T3IN
GPT1 Timer T3 Count/Gate Input
T2IN
GPT1 Timer T2 Count/Gate/Reload/Capture Inp
MRST
SSC Master-Receive/Slave-Transmit Inp./Outp.
MTSR
SSC Master-Transmit/Slave-Receive Outp./Inp.
TxD0
ASC0 Clock/Data Output (Async./Sync.)
RxD0
ASC0 Data Input (Async.) or Inp./Outp. (Sync.)
BHE
External Memory High Byte Enable Signal,
WRH
External Memory High Byte Write Strobe
SCLK
SSC Master Clock Output / Slave Clock Input
P4
P4.0
P4.1
P4.2
P4.3
P4.4
P4.5
17
18
19
20
23
24
IO
O
O
O
O
O
O
Port 4 is a 6-bit bidirectional I/O port. It is bit-wise
programmable for input or output via direction bits. For a pin
configured as input, the output driver is put into high-
impedance state. Port 4 can be used to output the segment
address lines:
A16 Least Significant Segment Address Line
A17 Segment Address Line
A18 Segment Address Line
A19 Segment Address Line
A20 Segment Address Line
A21 Most Significant Segment Address Line


Similar Part No. - SAF-C161K-LM3V

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAF-C161PI INFINEON-SAF-C161PI Datasheet
5Mb / 400P
   16-Bit Single-Chip Microcontroller
1999-08 V 1.0
logo
Siemens Semiconductor G...
SAF-C161RI SIEMENS-SAF-C161RI Datasheet
614Kb / 60P
   16-Bit CMOS Single-Chip Microcontroller
logo
Infineon Technologies A...
SAF-C161S INFINEON-SAF-C161S Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
SAF-C161S-L25M INFINEON-SAF-C161S-L25M Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
SAF-C161S-LM3V INFINEON-SAF-C161S-LM3V Datasheet
1Mb / 75P
   16-Bit Single-Chip Microcontroller
V1.0, Nov. 2003
More results

Similar Description - SAF-C161K-LM3V

ManufacturerPart #DatasheetDescription
logo
NEC
UPD784054 NEC-UPD784054 Datasheet
579Kb / 86P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784907 NEC-UPD784907 Datasheet
657Kb / 98P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD784927 NEC-UPD784927 Datasheet
513Kb / 96P
   16-BIT SINGLE-CHIP MICROCONTROLLER
UPD78P4916 NEC-UPD78P4916 Datasheet
288Kb / 56P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
SABC167CRLMGAT6 INFINEON-SABC167CRLMGAT6 Datasheet
1Mb / 89P
   16-Bit Single-Chip Microcontroller
V3.3, Feb. 2005
logo
Epson Company
S1C17555 EPSON-S1C17555 Datasheet
176Kb / 5P
   16-bit Single Chip Microcontroller
logo
NEC
UPD78F4937 NEC-UPD78F4937 Datasheet
250Kb / 32P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164CI INFINEON-C164CI_02 Datasheet
4Mb / 484P
   16-Bit Single-Chip Microcontroller
V3.1, Feb. 2002
logo
Renesas Technology Corp
D784927 RENESAS-D784927_15 Datasheet
785Kb / 99P
   16-BIT SINGLE-CHIP MICROCONTROLLER
PD78F4937 RENESAS-PD78F4937_15 Datasheet
317Kb / 34P
   16-BIT SINGLE-CHIP MICROCONTROLLER
logo
Infineon Technologies A...
C164SI INFINEON-C164SI Datasheet
1Mb / 79P
   16-Bit Single-Chip Microcontroller
V2.0, May 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com