Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK83085XX Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # RDK83085XX
Description  GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RDK83085XX Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  RDK83085XX Datasheet HTML 1Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 2Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 3Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RDK8__85XX
GENERAL PURPOSE RECTIFIER DIODE
Powerex, Inc., 200 Hillis Street, Youngwood, PA
15697-1800 (724) 925-7272
WWW.PWRX.COM
8500 Amperes 3000 Volts
Electrical Characteristics, Tj=25°C unless otherwise specified
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Repetitive Peak Reverse
Leakage Current
IRRM
Tj=160°C, VRRM=Rated
150
300
ma
Peak On-State Voltage
VFM
Tj=160°C, IFM=4000A
0.82
V
VFM Model, Low Level
V0
Tj=160°C
0.762
V
VFM = VO + r•IFM
r
15%
IFM - π•IFM
5.28E-02
mΩ
VFM Model, High Level
V0
Tj=160°C
0.937
V
VFM = VO + r•IFM
r
π•IFM - IFSM
4.58E-02
mΩ
VFM Model, 4-Term
A
Tj=160°C
0.462
VFM= A + B•Ln(IFM) +
B
15%IFM - IFSM
3.10E-02
C•(IFM) + D•(IFM)
½
C
4.24E-05
D
1.43E-03
Reverse Recovery Time
t
RR
Tj=25°C, IFM=400A
35
µs
diR/dt = 25 A/µs
Thermal Characteristics
Rating
Characteristic
Symbol
Test Conditions
min
typ
max
Units
Thermal Resistance
Junction to Case
jc
Double side cooled
0.006
0.0063
°C/Watt
Case to Sink
cs
Double side cooled
0.0008
0.001
°C/Watt
Thermal Impedance Model
jc
Double side cooled
jc(t) = Σ(A(N)•(1-exp(-t/Tau(N))))
where:
N =
12
3
4
A(N
) =
1.43E-04
9.08E-04
2.07E-03
3.20E-03
Tau(N) =
2.62E-03
4.31E-02
6.05E-01
6.00E+00
Page 3


Similar Part No. - RDK83085XX

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RDK--10 SUNHOLD-RDK--10 Datasheet
527Kb / 2P
   RDK SERIES
RDK--12 SUNHOLD-RDK--12 Datasheet
527Kb / 2P
   RDK SERIES
RDK-A-10 SUNHOLD-RDK-A-10 Datasheet
527Kb / 2P
   RDK SERIES
RDK-A-12 SUNHOLD-RDK-A-12 Datasheet
527Kb / 2P
   RDK SERIES
logo
Texas Instruments
RDK-ACIM TI-RDK-ACIM Datasheet
220Kb / 5P
[Old version datasheet]   AC Induction Motor (ACIM) Control Board
More results

Similar Description - RDK83085XX

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R9S02630XX POWEREX-R9S02630XX Datasheet
283Kb / 7P
   GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
R600 POWEREX-R600 Datasheet
704Kb / 6P
   General Purpose Rectifier (200-300 Amperes Average 1400-2600 Volts)
RDS82280XX POWEREX-RDS82280XX Datasheet
104Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE 8000 Amperes 2500 Volts
RAXSMD0480XX POWEREX-RAXSMD0480XX Datasheet
326Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXMMD0412XX POWEREX-RAXMMD0412XX Datasheet
302Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
RDS81210XX POWEREX-RDS81210XX Datasheet
207Kb / 4P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXSMD0412XX POWEREX-RAXSMD0412XX Datasheet
229Kb / 6P
   GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
R7S20408 POWEREX-R7S20408 Datasheet
758Kb / 4P
   Fast Recovery Rectifier (800 Amperes Average 2600 Volts)
R7220407 POWEREX-R7220407 Datasheet
764Kb / 4P
   Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
R7S20407 POWEREX-R7S20407 Datasheet
775Kb / 4P
   Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com