Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDK83085XX Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # RDK83085XX
Description  GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

RDK83085XX Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  RDK83085XX Datasheet HTML 1Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 2Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 3Page - Powerex Power Semiconductors RDK83085XX Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RDK8__85XX
GENERAL PURPOSE RECTIFIER DIODE
Powerex, Inc., 200 Hillis Street, Youngwood, PA
15697-1800 (724) 925-7272
WWW.PWRX.COM
8500 Amperes 3000 Volts
Absolute Maximum Ratings
Characteristic
Symbol
Rating
Units
Repetitive Peak Reverse Voltage
VRRM
3000
Volts
Average On-State Current, TC=90°C
IF(Avg.)
8500
A
RMS On-State Current, TC=90°C
IF(RMS)
13352
A
Average On-State Current, TC=55°C
IF(Avg.)
10000
A
RMS On-State Current, TC=55C
IF(RMS)
15708
A
Peak One Cycle Surge Current, 60Hz, VR=VRRM
IFSM
100,000
A
Fuse Coordination I
2t, 60Hz
I
2t
4.17E+07
A
2s
Peak One Cycle Surge Current, 50Hz, VR=0V
IFSM
92,500
A
Fuse Coordination I
2t, 50Hz
I
2t
4.28E+07
A
2s
Operating Temperature
Tj
-40 to+160
°C
Storage Temperature
TStg.
-50 to+190
°C
Approximate Weight
6.5
lb
2.95
Kg
Mounting Force
16,000 - 20,000
lbs
71.2 - 89.0
Knewtons
The information on this datasheet is based upon Powerex testing and projected ratings and is subject to change without notice.
Powerex makes no implicit or explicit claim to reliability, capability, performance or suitability of this product for a users application.
Powerex makes no guarantee of future availability of this product.
Page 2


Similar Part No. - RDK83085XX

ManufacturerPart #DatasheetDescription
logo
SUN HOLD ELECTRIC INC
RDK--10 SUNHOLD-RDK--10 Datasheet
527Kb / 2P
RDK SERIES
RDK--12 SUNHOLD-RDK--12 Datasheet
527Kb / 2P
RDK SERIES
RDK-A-10 SUNHOLD-RDK-A-10 Datasheet
527Kb / 2P
RDK SERIES
RDK-A-12 SUNHOLD-RDK-A-12 Datasheet
527Kb / 2P
RDK SERIES
logo
Texas Instruments
RDK-ACIM TI-RDK-ACIM Datasheet
220Kb / 5P
AC Induction Motor (ACIM) Control Board
More results

Similar Description - RDK83085XX

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
R9S02630XX POWEREX-R9S02630XX Datasheet
283Kb / 7P
GENERAL PURPOSE RECTIFIER DIODE 3000 Amperes 2600 Volts
R600 POWEREX-R600 Datasheet
704Kb / 6P
General Purpose Rectifier (200-300 Amperes Average 1400-2600 Volts)
RDS82280XX POWEREX-RDS82280XX Datasheet
104Kb / 4P
GENERAL PURPOSE RECTIFIER DIODE 8000 Amperes 2500 Volts
RAXSMD0480XX POWEREX-RAXSMD0480XX Datasheet
326Kb / 6P
GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXMMD0412XX POWEREX-RAXMMD0412XX Datasheet
302Kb / 6P
GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
RDS81210XX POWEREX-RDS81210XX Datasheet
207Kb / 4P
GENERAL PURPOSE RECTIFIER DIODE ELEMENT 8,000 Amperes 400 Volts
RAXSMD0412XX POWEREX-RAXSMD0412XX Datasheet
229Kb / 6P
GENERAL PURPOSE RECTIFIER DIODE ELEMENT 12,000 Amperes 400 Volts
R7S20408 POWEREX-R7S20408 Datasheet
758Kb / 4P
Fast Recovery Rectifier (800 Amperes Average 2600 Volts)
R7220407 POWEREX-R7220407 Datasheet
764Kb / 4P
Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
R7S20407 POWEREX-R7S20407 Datasheet
775Kb / 4P
Fast Recovery Rectifier (700 Amperes Average 2600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com