Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0356 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0356
Description  3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0356 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMH0356 Datasheet HTML 12Page - Texas Instruments LMH0356 Datasheet HTML 13Page - Texas Instruments LMH0356 Datasheet HTML 14Page - Texas Instruments LMH0356 Datasheet HTML 15Page - Texas Instruments LMH0356 Datasheet HTML 16Page - Texas Instruments LMH0356 Datasheet HTML 17Page - Texas Instruments LMH0356 Datasheet HTML 18Page - Texas Instruments LMH0356 Datasheet HTML 19Page - Texas Instruments LMH0356 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LMH0356
SDI0
SDI0
1
2
3
4
5
6
7
8
9
10
11
12
25
26
27
28
29
30
31
32
33
34
SCO/SDO2
SCO/SDO2
SDO
SDO
HD
SD/
VCC
SDI1
SDI1
VCC
SDI2
SDI2
SDI3
SDI3
ENABLE
VCC
VEE
VEE
VEE
35
36
VCC
VCC
VCC
VCC
DAP
Differential
Data Input 3
VCC
Differential
Data Input 2
Differential
Data Input 1
Differential
Data Input 0
ENABLE
VCC
27 MHz
39 pF
39 pF
Data
Output
Clock Output or
2
nd Data Output
HD
SD/
VCC
56 nF
LOCK DET
MUTE
BYPASS/AUTO BP
SEL1
SEL0
RATE1
RATE0
SCO_EN
OP
16
LMH0356
SNLS270L – AUGUST 2007 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: LMH0356
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Application (continued)
Figure 5. Application Circuit
ENABLE has an internal pullup to enable the device by default. This pin may be pulled low to put the LMH0356
into a powered down mode.
BP/AUTO BP has an internal pulldown to enable Auto Bypass mode by default. This pin may be pulled high to
force the LMH0356 to bypass all data.
OP MUTE has an internal pullup to enable the outputs by default. This pin may be pulled low to mute the
outputs.
The XTAL IN/EXT CLK and XTAL OUT pins are shown with a 27-MHz crystal and the proper loading. The crystal
should match the parameters described in Table 4. Alternately, a 27-MHz LVCMOS compatible clock signal may
be input to XTAL IN/EXT CLK.
The active high LOCK DET output provides an indication that proper data is being received and the PLL is
locked.
The SD/HD output may be used to drive the SD/HD pin of an SDI cable driver (such as the LMH0302) in order to
properly set the cable driver’s edge rate for SMPTE compliance. It defaults to HD/3G (low) when the LMH0356 is
not locked.


Similar Part No. - LMH0356

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356SQ NSC-LMH0356SQ Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results

Similar Description - LMH0356

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com