Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0356 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0356
Description  3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0356 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMH0356 Datasheet HTML 7Page - Texas Instruments LMH0356 Datasheet HTML 8Page - Texas Instruments LMH0356 Datasheet HTML 9Page - Texas Instruments LMH0356 Datasheet HTML 10Page - Texas Instruments LMH0356 Datasheet HTML 11Page - Texas Instruments LMH0356 Datasheet HTML 12Page - Texas Instruments LMH0356 Datasheet HTML 13Page - Texas Instruments LMH0356 Datasheet HTML 14Page - Texas Instruments LMH0356 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SDI[3:0]
V
CC
V
CC
SDI[3:0]
2 kW
80 kW
1 pF
20 kW
V
CC
2 kW
50
network
W
50
network
W
11
LMH0356
www.ti.com
SNLS270L – AUGUST 2007 – REVISED JANUARY 2016
Product Folder Links: LMH0356
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Functional Block Description
8.3.1.1 Serial Data Input and Outputs
The differential serial data inputs, SDI0-SDI3, accept serial digital video data at the rates specified in Table 1.
Figure 2 shows the equivalent input circuit for SDI[3:0] and SDI[3:0]. The serial data inputs are differential
LVPECL compatible. These inputs have 50-
Ω internal terminations (100-Ω differential) with an internal bias as
shown in Figure 2. These inputs are intended to be DC-coupled to devices such as the LMH0344 adaptive cable
equalizer. DC-coupled inputs must be kept within the specified common mode range. The inputs may be AC-
coupled if the input signal is outside the input common mode range of the device (such as when interfacing to 5-
V PECL), and in that case the bias is supplied internally so no additional input biasing is required. See Figure 2
for more information on input interfacing.
The LMH0356 provides four independent, equalized and multiplexed data inputs. The active input channel is
selected via the SEL0 and SEL1 pins, as shown in Table 2. The equalizer on each of the four inputs is capable
of equalizing up to 30 inches of FR4 trace without the need for programming for different trace lengths or data
rates.
The LMH0356 has two retimed, differential, serial data outputs: SDO and SCO/SDO2. These outputs provide
low-jitter, differential, retimed data to devices such as the LMH0302 cable driver. Output SCO/SDO2 is
multiplexed and can provide either a second serial data output or a serial clock output. Figure 3 shows the
equivalent output circuit for SDO, SDO, SCO/SDO2, and SCO/SDO2.
The SCO_EN input controls the operating mode for the SCO/SDO2 output. When the SCO_EN input is high the
SCO/SDO2 output provides a serial clock. When SCO_EN is low, the SCO/SDO2 output provides retimed serial
data.
Both differential serial data outputs, SDO and SCO/SDO2, are muted when the OUTPUT MUTE input is a logic
low level. SCO/SDO2 also mutes when the Bypass mode is activated when this output is operating as the serial
clock output. When muted, SDO and SDO (or SDO2 and SDO2) will assume opposite differential output levels.
The CML serial data outputs are differential LVPECL compatible. These outputs have internal 50-
Ω pullups and
are suitable for driving AC- or DC-coupled, 100-
Ω center-tapped, AC-grounded or 100-Ω un-center-tapped,
differentially terminated networks.
Figure 2. Equivalent SDI Input Circuit (SDI[3:0], SDI[3:0])


Similar Part No. - LMH0356

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356SQ NSC-LMH0356SQ Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results

Similar Description - LMH0356

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com