Electronic Components Datasheet Search |
|
LMH0356 Datasheet(PDF) 20 Page - Texas Instruments |
|
|
|
LMH0356 Datasheet(HTML) 20 Page - Texas Instruments |
20 / 28 page 37 38 39 40 41 42 43 44 45 46 47 48 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 25 26 27 28 29 30 31 32 33 34 35 36 VCC VCC VCC VCC 56 nF SDI0 SDI0 ____ SDI1 ____ SDI2 ____ SDI3 ____ SDI1 SDI2 SDI3 SD0 SD0 ___ _ SC0/SDO2 SC0/SDO2 ________ 20 LMH0356 SNLS270L – AUGUST 2007 – REVISED JANUARY 2016 www.ti.com Product Folder Links: LMH0356 Submit Documentation Feedback Copyright © 2007–2016, Texas Instruments Incorporated 11 Layout 11.1 Layout Guidelines Figure 11 shows a typical PCB layout for the 48-pin WQFN version of the LMH0356. The following guidelines are recommended for designing the board layout for the LMH0356: 1. Choose a suitable board stack-up such that it supports 100- Ω differential trace routing on board layer 1. This is typically done with layer 2 ground plane reference for the 100- Ω differential traces. 2. Place 56-nF loop filter capacitor as close to the loop filter pins as possible. 3. Use coupled differential traces with 100- Ω ± 5% impedance for signal routing to SDI± and SDO± pins. These are usually 5 to 8-mil trace width reference to a ground plane at layer 2. 4. DAP of the package must be connected to the ground plane through an array of via. These nine vias are solder-masked to avoid solder flowing into the plated-through holes during the board manufacturing process. DAP is divided into 16 squares (1.09 mm × 1.09 mm) inside 5.1-mm × 5.1-mm landing pad. 5. Connect supply pins VCC and VEE to the power and ground planes with short via. The via is usually placed tangent to the supply pin landing pad with the shortest trace possible. 6. Power supply bypass capacitors must be placed close to the supply pin. They are commonly placed at the bottom layer sharing the ground connector of the DAP. 11.2 Layout Example Figure 11 shows a typical PCB layout for the 48-pin WQFN version of the LMH0356. Figure 11. LMH0356 PCB Layout Example |
Similar Part No. - LMH0356 |
|
Similar Description - LMH0356 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |