Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0356 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0356
Description  3-Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0356 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMH0356 Datasheet HTML 13Page - Texas Instruments LMH0356 Datasheet HTML 14Page - Texas Instruments LMH0356 Datasheet HTML 15Page - Texas Instruments LMH0356 Datasheet HTML 16Page - Texas Instruments LMH0356 Datasheet HTML 17Page - Texas Instruments LMH0356 Datasheet HTML 18Page - Texas Instruments LMH0356 Datasheet HTML 19Page - Texas Instruments LMH0356 Datasheet HTML 20Page - Texas Instruments LMH0356 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
17
LMH0356
www.ti.com
SNLS270L – AUGUST 2007 – REVISED JANUARY 2016
Product Folder Links: LMH0356
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Application (continued)
SCO_EN has an internal pulldown to set the second output (SCO/SDO2) to output data. This pin may be pulled
high to set the second output as a serial clock.
The external loop filter capacitor (between LF1 and LF2) must be 56 nF. This is the only supported value; the
loop filter capacitor must not be changed.
RATE0 and RATE1 have internal pulldowns to select Auto-Rate Detect mode by default. These pins may also be
used to set the device to SD mode or HD/3G mode.
SEL0 and SEL1 have internal pulldowns to select the SDI0 input by default.
9.2.1 Design Requirements
For this design example, use the parameters listed in Table 5 as the input parameters.
Table 5. LMH0356 Design Parameters
DESIGN PARAMETER
REQUIREMENTS
Input AC-coupling capacitors
The user should check output common mode voltage of the device attached
to SDI pins. If AC-coupling capacitor is required, AC-coupling capacitor is
expected to be 4.7
μF ±10%. Refer to Input Output Interfacing for details.
Output AC-coupling capacitors
The user should check input common mode voltage of the device attached to
SDO pins. If AC-coupling capacitor is required, AC-coupling capacitor is
expected to be 4.7
μF ±10%. Refer to Input Output Interfacing for details.
DC power supply coupling capacitors
De-coupling capacitors are required to minimize power supply ripple noise.
Place 4.7-
μF and 0.1-μF surface mount ceramic capacitors as close to the
device VCC pin as possible .
High-speed SDI and SDO trace impedance
SDI± and SDO± must be routed with coupled board traces with 100-
Ω ± 5%
differential impedance.
Use of ENABLE, RATE0/1, SCO_EN, OP MUTE, and
BP/AUTO BP pins
Set these pins for desired operating mode.
LOCK DET pin
Use this pin for lock indication or to OP MUTE pin to enable output when
locked.
SD/HD Pin
Use SD/HD to set cable driver edge rate or to FPGA for lock rate monitoring.
9.2.2 Detailed Design Procedure
To begin the design process, determine the following:
1. Check that the power supply meets the DC and AC requirements in DC Electrical Characteristics.
2. Select the proper pull-high or pull-low resistors for ENABLE, RATE0/1, SCO_EN, OP MUTE, and BP/AUTO
BP pins.
3. Use SD/HD output signal to set the cable driver edge rate.
4. Refer to Input Output Interfacing for Input or Output DC- or AC-coupling.
5. Choose small 0402 surface mount ceramic capacitors for AC-coupling and bypass capacitors.
6. Pay close attention to high speed printed circuit board layout for the high speed SDI± and SDO± signals.
7. Plan out overall system jitter budget with AC Electrical Characteristics in mind.
9.2.2.1 Input Output Interfacing
The inputs are LVPECL compatible. The LMH0356 has a wide input common mode range, and in most cases
the input should be DC-coupled. For DC-coupling, the inputs must be kept within the common mode range
specified in DC Electrical Characteristics.
Figure 6 shows an example of a DC-coupled interface between the LMH0344 cable equalizer and the LMH0356.
The LMH0344 output common mode voltage and voltage swing are within the range of the input common mode
voltage and voltage swing of the LMH0356. In this figure, the LMH0344 cable equalizer restores the signal after
the coaxial cable. The LMH0356 FR4 equalizer restores the signal after the loss due to the FR4 trace. The
LMH0356 inputs have 50-
Ω internal terminations (100-Ω differential) to terminate the transmission line, so no
additional components are required.


Similar Part No. - LMH0356

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356SQ NSC-LMH0356SQ Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
More results

Similar Description - LMH0356

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0356 NSC-LMH0356_08 Datasheet
649Kb / 16P
   3 Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
LMH0356 NSC-LMH0356 Datasheet
642Kb / 18P
   3Gbps HD/SD SDI Reclocker with 4:1 Input Mux and FR4 EQs
logo
Texas Instruments
LMH0376 TI1-LMH0376 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
LMH0376 TI-LMH0376_13 Datasheet
295Kb / 36P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor and 4:1 Input Mux
logo
National Semiconductor ...
LMH0056 NSC-LMH0056 Datasheet
613Kb / 13P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 NSC-LMH0056_07 Datasheet
325Kb / 16P
   HD/SD SDI Reclocker with 4:1 Input Multiplexer
logo
Texas Instruments
LMH0056 TI1-LMH0056_15 Datasheet
720Kb / 20P
[Old version datasheet]   HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0056 TI1-LMH0056 Datasheet
776Kb / 20P
[Old version datasheet]   LMH0056 HD/SD SDI Reclocker with 4:1 Input Multiplexer
LMH0336 TI1-LMH0336 Datasheet
136Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Low Power Reclocker
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com