Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC6A-T1A Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # CC6A-T1A
Description  AT Crystal 16 MHz - 70 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

CC6A-T1A Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  CC6A-T1A Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND CC6A-T1A Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 1.0/02.2015
Micro Crystal AG
Tel.
+41 32 655 82 82
Mühlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
ENVIRONMENTAL
CHARACTERISTICS:
Conditions
Storage temp. range
–55 to +125°C
TB Operating temperature range
–40 to +85°C
TC Extended oper. temp. range
–55 to +125°C
Shock resistance
5000 g, 0.3 ms, ½ sine
Vibration resistance
20 g / 10–2000 Hz
TERMINATIONS AND
PROCESSING:
Type
Termination
Processing
CC6A-T1A
For SMD mounting
Au plated pads
Reflow soldering
+260°C / 20 s max.
CC6A-T3A
For SMD mounting
Sn/Ag/Cu plated
Reflow soldering
+260°C / 20 s max.
PRODUCT DESCRIPTION AND
ORDERING INFORMATION:
A unique part number will be generated for each product specification, i.e:
20xxxx-MG01
1'000 pcs
(in 12mm tape on 7" reel)
20xxxx-MG00
2'000 pcs
(in 12mm tape on 7" reel)
20xxxx-EA00
xxx pcs
(in ESD plastic tray)
Please contact us.
All specifications subject to change without notice.
Frequency
MHz
16.0000 20.0000 40.0000
Other frequencies from
16 MHz up to 70 MHz on request
STANDARD FREQUENCIES:
CC6A–T1A 24.0 MHz 20.0pF +/-50ppm TB QI
CL Load Capacitance
Frequency tolerance
Frequency FL
16.0 pF
20.0 pF
+/- 50 ppm
+/- 100 ppm
Temperature Range
TB = -40 to +85°C (Standard)
TC = -55 to +125°C
Optional:
if not defined,
‚Standard‘ will apply
Qualification
= Industrial (Standard)
QI
QS = Custom Specification


Similar Part No. - CC6A-T1A

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1A MICROCRYSTAL-CC6A-T1A Datasheet
798Kb / 2P
AT Crystal 16 MHz ??70 MHz
logo
Golledge Electronics Lt...
CC6A-T1A GOLLEDGE-CC6A-T1A Datasheet
561Kb / 5P
Suitable for Avionics, Sat Comms etc
logo
MICORO CRYSTAL SWITZERL...
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
logo
Golledge Electronics Lt...
CC6A-T1AH GOLLEDGE-CC6A-T1AH Datasheet
121Kb / 1P
SM Crystal
CC6A-T1AH GOLLEDGE-CC6A-T1AH Datasheet
561Kb / 5P
Suitable for Avionics, Down-hole, Geothermal etc
More results

Similar Description - CC6A-T1A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0070CF51846T ICST-SF0070CF51846T Datasheet
188Kb / 2P
70 MHz Filter 16 MHz Bandwidth
logo
API Technologies Corp
SF0070CF51846T APITECH-SF0070CF51846T Datasheet
191Kb / 2P
70 MHz Filter 16 MHz Bandwidth
logo
MICORO CRYSTAL SWITZERL...
CC1A-T1AH MICROCRYSTAL-CC1A-T1AH Datasheet
1Mb / 2P
AT Crystal 8 MHz -24 MHz
CC2A-T1A MICROCRYSTAL-CC2A-T1A Datasheet
583Kb / 2P
AT Crystal 12 MHz - 70 MHz
CC2A-T1AH MICROCRYSTAL-CC2A-T1AH Datasheet
599Kb / 2P
AT Crystal 14 MHz - 40 MHz
CC6A-T1AH MICROCRYSTAL-CC6A-T1AH Datasheet
585Kb / 2P
AT Crystal 16 MHz - 40 MHz
CC6F-T1AF MICROCRYSTAL-CC6F-T1AF Datasheet
1Mb / 2P
Inverted Mesa AT Crystal 70 MHz - 200 MHz
CC1A-T1A MICROCRYSTAL-CC1A-T1A_17 Datasheet
784Kb / 2P
AT Crystal 8 MHz ??30 MHz
CC6A-T1A MICROCRYSTAL-CC6A-T1A_16 Datasheet
798Kb / 2P
AT Crystal 16 MHz ??70 MHz
CC6F-T1A MICROCRYSTAL-CC6F-T1A_16 Datasheet
513Kb / 2P
Inverted Mesa AT Crystal 70 MHz ??250 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com