Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG-5006CJ-51L40.0000M3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TG-5006CJ-51L40.0000M3
Description  XTAL OSC VCTCXO 40.0000MHZ SNWV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG-5006CJ-51L40.0000M3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TG-5006CJ-51L40.0000M3 Datasheet HTML 1Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3 Datasheet HTML 2Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3 Datasheet HTML 3Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3 Datasheet HTML 4Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3 Datasheet HTML 5Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5.Timing chart
Output waveform (Clipped sine wave output)
6.Test circuit for TCXO
1) Output Load : 10 kΩ//10 pF
2) Current consumption
3) Conditions
1. Oscilloscope:
Impedance
Min. 1 MΩ
Input capacitance
Max. 10 pF
Band width
Min. 300 MHz
Impossible to measure both frequency and wave form at the same time.(In case of using
oscilloscope's amplifier output, possible to measure both at the same time.)
2. Load_C includes probe capacitance.
3. A capacitor (By-pass:0.01 to 0.1 uF) is placed between V
CC and GND,and closely to TCXO.
4. Use the current meter whose internal impedance value is small.
5. Power Supply
Impedance of power supply should be as low as possible.
GND
Vp-p
tW
t
SYM=tw/t×100 %
By-pass
Capacitor
0.01 mF
Supply
Voltage
0.01
10 pF
10 kΩ
Test Point
V
CC
N.C
OUT
GND
By-pass
Capacitor
0.01 mF
0.01
10 pF
10 kΩ
V
CC
N.C
OUT
GND
A
Supply
Voltage
2 Page


Similar Part No. - TG-5006CJ-51L40.0000M3

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
   HIGH STABILITY
More results

Similar Description - TG-5006CJ-51L40.0000M3

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
   VCTCXO Specification
IQXT-192 IQD-IQXT-192 Datasheet
128Kb / 2P
   VCTCXO Specification
LFTVXO085766 IQD-LFTVXO085766 Datasheet
224Kb / 2P
   VCTCXO Specification
V1.0020
CFPT-125 IQD-CFPT-125 Datasheet
723Kb / 2P
   VCTCXO Specification
LFTVXO085762 IQD-LFTVXO085762 Datasheet
262Kb / 2P
   VCTCXO Specification
V1.0020
LFTVXO085759 IQD-LFTVXO085759 Datasheet
269Kb / 2P
   VCTCXO Specification
V1.0020
IQXT-200 IQD-IQXT-200 Datasheet
340Kb / 3P
   VCTCXO Specification
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
   VCTCXO Specification
IQXT-190 IQD-IQXT-190 Datasheet
129Kb / 2P
   VCTCXO Specification
IQXT-210 IQD-IQXT-210 Datasheet
294Kb / 3P
   VCTCXO Specification
CFPT-126 IQD-CFPT-126 Datasheet
204Kb / 2P
   VCTCXO Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com