Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TG-5006CJ-51L40.0000M3-ND Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TG-5006CJ-51L40.0000M3-ND
Description  XTAL OSC VCTCXO 40.0000MHZ SNWV
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG-5006CJ-51L40.0000M3-ND Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TG-5006CJ-51L40.0000M3-ND Datasheet HTML 1Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3-ND Datasheet HTML 2Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3-ND Datasheet HTML 3Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3-ND Datasheet HTML 4Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3-ND Datasheet HTML 5Page - List of Unclassifed Manufacturers TG-5006CJ-51L40.0000M3-ND Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TCXO
TG-5006CJ
Product name
TG-5006CJ-51H 40.000000 MHz
Product Number / Ordering code
X1G0041310041xx
Please refer to the 10.Packing information about xx (last 2 digits)
Output waveform
Clipped sine wave
Pb free / Complies with EU RoHS directive
Reference weight Typ.9.1mg
1.Absolute maximum ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Maximum supply voltage
VCC-GND
-0.3
-
4
V
Vcc terminal
Storage temperature
T_stg
-40
-
90
ºC
Storage as single product
2.Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Supply voltage
Vcc
1.7
-
3.3
V
GND = 0V
-
-
-
Operating temperature
T_use
-40
25
85
ºC
-
Output load condition
Load_R
9
10
11
-
Load_C
9
10
11
pF
DC cut capacitor=0.01µF
DC-cut capacitor is not included in this TCXO. Please attach an external DC-cut capacitor (0.01 μF Min.) to the out pin.
(Vcc=1.8, 2.8, 3.0, 3.3 V, Vc=1.65 V, GND=0.0 V, Load 10 kΩ//10 pF(DC cut), T_use=+25ºC)
3.Frequency Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Output frequency
f0
-
40.0000
-
MHz
Frequency tolerance
f_tol
-2.0
-
2.0
x10
-6
T_use = +25ºC, Reflow 2 times
-
-
-
f0-Tc
-0.5
-
0.5
x10
-6
T_use = -30 ºC to +85 ºC
temperature characteristics
-2
-
2
T_use = -40 ºC to -30 ºC
Frequency / load coefficient
f0-Load
-0.2
-
0.2
x10
-6
10 kΩ // 10 pF +/- 10%
Frequency / voltage coefficient
f0-Vcc
-0.2
-
0.2
x10
-6
Vcc +/- 10 %
Frequency slope
-
-
-
-
x10
-6/ ºC -
-
-
-
-
-
-
-
-
Frequency aging
f_age
-1.0
-
1.0
x10
-6
1st year, T_use=25degC
-3
-
3
5 years, T_use=+25ºC
-5
-
5
10 years T_use = +25ºC
*1 Include initial frequency tolerance and frequency deviation after reflow cycles.
*2 Measured in the elapse of 24 hours after reflow soldering.
*3 Vcc +/- 5% must be in operating supply voltage range (1.7 V to 3.47 V)
(Vcc=1.8, 2.8, 3.0, 3.3 V, Vc=1.65 V, GND=0.0 V, Load 10 kΩ//10 pF(DC cut), T_use=+25ºC)
4.Electrical Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Current consumption
Icc
-
-
2
mA
T_Use = +25ºC , 10 kΩ//10pF
Symmetry
SYM
45
-
55
%
GND Level
Output voltage
Vp-p
0.8
-
1.5
V
Peak to peak 10 kΩ//10pF +/- 10%
Harmonics
-
-
-
-8
dBc
-
-
-
-
-
start up time
tosc
-
-
2.0
ms
Within 90% of final amp.
-
-
2.0
ms
ΔF = +/- 1.0 x 10-6
Phase noise
L(f)
-
-
-83
dBc/Hz
Offset:10 Hz
-
-
-109
dBc/Hz
Offset:100 Hz
-
-
-130
dBc/Hz
Offset:1 kHz
-
-
-145
dBc/Hz
Offset:10 kHz
-
-
-147
dBc/Hz
Offset:100 kHz
-
-
-148
dBc/Hz
Offset:1 MHz
Frequency /
1 Page


Similar Part No. - TG-5006CJ-51L40.0000M3-ND

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5006CJ EPSON-TG-5006CJ Datasheet
393Kb / 2P
   HIGH STABILITY
More results

Similar Description - TG-5006CJ-51L40.0000M3-ND

ManufacturerPart #DatasheetDescription
logo
IQD Frequency Products ...
CFPT-123 IQD-CFPT-123 Datasheet
791Kb / 2P
   VCTCXO Specification
IQXT-192 IQD-IQXT-192 Datasheet
128Kb / 2P
   VCTCXO Specification
LFTVXO085766 IQD-LFTVXO085766 Datasheet
224Kb / 2P
   VCTCXO Specification
V1.0020
CFPT-125 IQD-CFPT-125 Datasheet
723Kb / 2P
   VCTCXO Specification
LFTVXO085762 IQD-LFTVXO085762 Datasheet
262Kb / 2P
   VCTCXO Specification
V1.0020
LFTVXO085759 IQD-LFTVXO085759 Datasheet
269Kb / 2P
   VCTCXO Specification
V1.0020
IQXT-200 IQD-IQXT-200 Datasheet
340Kb / 3P
   VCTCXO Specification
IQXT-313 IQD-IQXT-313 Datasheet
198Kb / 3P
   VCTCXO Specification
IQXT-190 IQD-IQXT-190 Datasheet
129Kb / 2P
   VCTCXO Specification
IQXT-210 IQD-IQXT-210 Datasheet
294Kb / 3P
   VCTCXO Specification
CFPT-126 IQD-CFPT-126 Datasheet
204Kb / 2P
   VCTCXO Specification
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com