Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS41B29 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS41B29
Description  Ultralow-Power ADCs
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS41B29 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS41B29 Datasheet HTML 5Page - Texas Instruments ADS41B29 Datasheet HTML 6Page - Texas Instruments ADS41B29 Datasheet HTML 7Page - Texas Instruments ADS41B29 Datasheet HTML 8Page - Texas Instruments ADS41B29 Datasheet HTML 9Page - Texas Instruments ADS41B29 Datasheet HTML 10Page - Texas Instruments ADS41B29 Datasheet HTML 11Page - Texas Instruments ADS41B29 Datasheet HTML 12Page - Texas Instruments ADS41B29 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
9
ADS41B29, ADS41B49
www.ti.com
SBAS486F – NOVEMBER 2009 – REVISED FEBRUARY 2016
Product Folder Links: ADS41B29 ADS41B49
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
Minimum values for ADS41B49 are specified across the ambient temperature range of –40°C to +105°C.
(2)
The maximum DRVDD current with CMOS interface depends on the actual load capacitance on the digital output lines. Note that the
maximum recommended load capacitance on each digital output line is 10 pF.
(3)
In CMOS mode, the DRVDD current scales with the sampling frequency, the load capacitance on output pins, input frequency, and the
supply voltage (see the CMOS Interface Power Dissipation section in the Feature Description).
6.5 Electrical Characteristics: General
Typical values are at TA = 25°C, AVDD = 1.8 V, AVDD_BUF = 3.3 V, DRVDD = 1.8 V, and 50% clock duty cycle, unless
otherwise noted. Minimum and maximum values are across the full ambient temperature range: TA, MIN = –40°C to TA, MAX =
85°C, AVDD = 1.8 V, AVDD_BUF = 3.3 V, and DRVDD = 1.8 V, unless otherwise noted.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
Differential input voltage range
1.5
VPP
Differential input resistance
At dc (see Figure 83)
10
k
Ω
Differential input capacitance
(see Figure 84)
3.5
pF
Analog input bandwidth
800
MHz
Analog input common-mode current
(per input pin)
2
µA
VCM
Common-mode output voltage
1.7
V
VCM output current capability
4
mA
DC ACCURACY
Offset error
–15
2.5
15
mV
Temperature coefficient of offset error
0.003
mV/°C
EGREF
Gain error as a result of
internal reference inaccuracy alone
–2
2
%FS
EGCHAN
Gain error of channel alone
2.5
%FS
POWER SUPPLY
IAVDD
Analog supply current
99.5
115
mA
IAVDD_BUF
Analog input buffer supply current
29
42
mA
IDRVDD
Output buffer supply current(2)
LVDS interface with 100-
Ω external
termination, low LVDS swing (200 mV)
63
mA
LVDS interface with 100-
Ω external
termination, standard LVDS swing
(350 mV)
75
90
IDRVDD output buffer supply current(2)(3)
CMOS interface(3), 8-pF external load
capacitance, fIN = 2.5 MHz
35
mA
Global power-down
10
25
mW
Standby
200
mW


Similar Part No. - ADS41B29

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 75P
14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 61P
12-Bit, 200-MSPS, Ultralow-Power ADC
ADS41B29IRGZ25 TI-ADS41B29IRGZ25 Datasheet
2Mb / 65P
14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B29IRGZR TI-ADS41B29IRGZR Datasheet
1Mb / 64P
14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
More results

Similar Description - ADS41B29

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2258-12 LINER-LTC2258-12_15 Datasheet
995Kb / 34P
12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14_15 Datasheet
1Mb / 34P
14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2259-12 LINER-LTC2259-12_15 Datasheet
1Mb / 34P
12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12_15 Datasheet
1Mb / 34P
12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2257-12 LINER-LTC2257-12_15 Datasheet
995Kb / 34P
12-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2261-12 LINER-LTC2261-12 Datasheet
823Kb / 32P
12-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14_1208 LINER-LTC2261-14_1208 Datasheet
506Kb / 34P
14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2261-14 LINER-LTC2261-14_15 Datasheet
796Kb / 34P
14-Bit, 125/105/80Msps Ultralow Power 1.8V ADCs
LTC2256-14 LINER-LTC2256-14_15 Datasheet
1Mb / 34P
14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
LTC2258-14 LINER-LTC2258-14 Datasheet
1Mb / 32P
14-Bit, 65/40/25Msps Ultralow Power 1.8V ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com