Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINT1500B Datasheet(PDF) 1 Page - SL Power Electronics

Part # MINT1500B
Description  500W Single Output LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1500B Datasheet(HTML) 1 Page - SL Power Electronics

  MINT1500B Datasheet HTML 1Page - SL Power Electronics MINT1500B Datasheet HTML 2Page - SL Power Electronics MINT1500B Datasheet HTML 3Page - SL Power Electronics MINT1500B Datasheet HTML 4Page - SL Power Electronics MINT1500B Datasheet HTML 5Page - SL Power Electronics MINT1500B Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MINT1500B
500W Single Output
Medical Series
www.slpower.com
MINT1500B REV 11.0, 4-22-15
1
Features
3.3” x 7.17” x 1.5 Package, Ideal for 1U
Applications
Up to 500W w/air, 350W convection cooled
Universal Input 90 to 276Vac
(85Vac input 400Watts with 200 LFM)
1500Vac isolation (1MOPP) between output to
ground for BF applications
(Applies to all outputs and signals)
Active current share
Class I Input
Standby and Fan Output Voltages
Inhibit, Power Fail, Output OK Signals
Approved to IEC60601-1, 3
rd Edition
2 x MOPP Isolation
93% Efficiency @ 230V Input, 92% @ 115V
Input
Optional Cover & With fan option
3 mounting orientations
3 Year Warranty
Low inrush Current
Description
A superior performance 500 Watt AC to DC power supply designed for Medical applications. Feature rich and highly
efficient, MINT1500 product family with active current share for redundant applications can easily fit in 1U or 2U chassis
and provides 350 Watts without cover for convection, or 500 Watts with moving air. Input & output monitoring alarms plus
12V/0.8A fan output and 5V standby voltage are standard features of the MINT1500B family. All models are CE marked to
low voltage directive and approved to IEC60601-1 3
rd edition.
Model Selection
Model
Output Current
Fan
5V Standby
Ripple &
Total
OVP
Number1
Volts
w/200LFM air
Convection
Output
Output
Noise2
Regulation
Threshold
MINT1500B2414E01
24V
20.8A
14.6A
12Vdc/0.8A
5V@200mA
1%
±2%
27.6 ± 1.0V
MINT1500B4814E01
48V
10.4A
7.3A
12Vdc/0.8A
5V@200mA
1%
±2%
55.5 ± 2.0V
Notes:
1) To order the required options such as fan or cover, please see below designation:
MINT1500BWW14XYZ
X: E or L(input connector)
Y: 0( U Channel, Standard), C (Cover),T(Top fan option), E(End fan Option)
Z: 1(Standard product), 2 through 9 is reserved for customization and will be assigned by SL Power.
2) Measured with noise probe directly across output terminals with 0.1µF ceramic and 10µF low ESR capacitors. For main output load of less than
5%, total noise& ripple will increase to 2%. For ambient temperature of -10°C, minimum of 3 minutes warm up is required to meet the published spec.


Similar Part No. - MINT1500B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A2414E01 SLPOWER-MINT1500A2414E01 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A4814E01 SLPOWER-MINT1500A4814E01 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A5614E01 SLPOWER-MINT1500A5614E01 Datasheet
466Kb / 7P
   500W Single Output
More results

Similar Description - MINT1500B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LU500 SLPOWER-LU500 Datasheet
257Kb / 3P
   500W Single Output LED Series
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
   500W Single Output
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
logo
TDK Electronics
GWS TDK-GWS Datasheet
320Kb / 2P
   Single Output 250 & 500W Power Supplies
logo
Mean Well Enterprises C...
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com