Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MINT1500B Datasheet(PDF) 5 Page - SL Power Electronics

Part # MINT1500B
Description  500W Single Output LED Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

MINT1500B Datasheet(HTML) 5 Page - SL Power Electronics

  MINT1500B Datasheet HTML 1Page - SL Power Electronics MINT1500B Datasheet HTML 2Page - SL Power Electronics MINT1500B Datasheet HTML 3Page - SL Power Electronics MINT1500B Datasheet HTML 4Page - SL Power Electronics MINT1500B Datasheet HTML 5Page - SL Power Electronics MINT1500B Datasheet HTML 6Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MINT1500B
500W Single Output
Medical Series
www.slpower.com
MINT1500B REV 11.0, 4-22-15
5
Characteristic Curves
Output vs. Temperature
350W convection cooled and 500W continuous with 200 LFM airflow. Derate output power to 50% at 70°C.
Power_Good, DC_OK, Inhibit Signals and Current Sharing – J2
1.
Power_Good: - Output Signal – J2 Pin 6
During normal operation is Logic High, goes HIGH 100-250 ms after main output is in regulation, and goes LOW with 7ms warning time
before loss of main output due to loss of AC input.
Note: Power_Good signal is a combination of AC OK (Internal) and
DC_OK such that failure of either one will cause the Power_Good
signal to go low.
Logic High: >4.5V sourcing 16mA
Logic Low: <0.5V sinking 16mA
Figure 1
2.
DC_OK: Output signal – J2 Pin 10
During normal operation, this signal is logic High. It will go logic Low for output less than 90% of its nominal rated voltage.
Logic High: >4.5V sourcing 16mA
Logic Low: <0.5V sinking 16mA
Figure 2
Figure 2
0
100
200
300
400
500
600
-10
0
10
20
30
40
50
60
70
Ambient Operating Temperature ( C)
Output Power vs. Ambient
Temperature
Convection
200LFM Cooling


Similar Part No. - MINT1500B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A2414E01 SLPOWER-MINT1500A2414E01 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A4814E01 SLPOWER-MINT1500A4814E01 Datasheet
466Kb / 7P
   500W Single Output
MINT1500A5614E01 SLPOWER-MINT1500A5614E01 Datasheet
466Kb / 7P
   500W Single Output
More results

Similar Description - MINT1500B

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LU500 SLPOWER-LU500 Datasheet
257Kb / 3P
   500W Single Output LED Series
MINT1500 SLPOWER-MINT1500 Datasheet
466Kb / 7P
   500W Single Output
logo
Total Power Internation...
SP-500 TOTAL-POWER-SP-500 Datasheet
382Kb / 2P
   500W Single Output with PFC Function
logo
Mean Well Enterprises C...
SD-500 MEANWELL-SD-500 Datasheet
148Kb / 4P
   500W Single Output DC-DC Converter
logo
TDK Electronics
GWS TDK-GWS Datasheet
320Kb / 2P
   Single Output 250 & 500W Power Supplies
logo
Mean Well Enterprises C...
SD-500_1109 MEANWELL-SD-500_1109 Datasheet
245Kb / 4P
   500W Single Output DC-DC Converter
SP-500 MEANWELL-SP-500 Datasheet
334Kb / 2P
   500W Single Output with PFC Function
PSP-500 MEANWELL-PSP-500 Datasheet
372Kb / 2P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500 Datasheet
324Kb / 4P
   500W Single Output with PFC Function
USP-500 MEANWELL-USP-500_10 Datasheet
326Kb / 4P
   500W Single Output with PFC Function
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com